Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD161 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MCD161
Description  Common thyristor and rectifier mixed module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCD161 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MCD161 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCD161 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
MCD161
Common thyristor and rectifier mixed module
FEATURES
·
Electrical insulation of chip and floor
·
Fully crimped structure
·
Excellent temperature characteristics and power cycle capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
AC/DC motor control
·
Various rectified power sources
MAIN PARAMETER:
SYMBOL
PARAMETER
CONDITIONS
Tj(℃)
MIN
MAX
UNIT
IT(AV)
Average current
on current
180°half-sinusoid,50HZ
Single side heat
dissipation,TC=85℃
125
165
A
IT(RMS)
Square
rms
current
125
251
A
VDRM
VRRM
Repeat
peak
voltage
repetitive
peak
reverse voltage
VDRM&VRRMtp=10ms
VDSM&VRSM=VDRM&VRRM+200V
125
2000
2200
V
IDRM
IRRM
Recurring Peak
Current
Reverse repeat
peak current
VDM=VDRM, VRM=VRRM
125
25
mA
I
TSM
Inrush current
without repeating
current
10ms half-sinusoid
125
5.4
kA
I
2t
Surge current
squared time
VR=0.6VRRM
125
146
A2S*103
VTM
peak on state
voltage
ITM=480A
25
1.9
V
dv/dt
Critical rising rate
of broken voltage
VDM=67%VDRM,
125
800
V/us
di/dt
Critical rising rate
of on-state current ITM=320A,IGM=1.5A,tr<0.5us
125
100
A/us
I
GT
gate trigger
current
VA=12V,IA=1A
25
30
150
mA
V
GT
gate trigger
voltage
1.0
3.0
V
I
H
stand-by current
20
150
mA


Similar Part No. - MCD161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD161-20IO1 IXYS-MCD161-20IO1 Datasheet
92Kb / 3P
High Voltage Thyristor Module
MCD161-20IO1 IXYS-MCD161-20IO1 Datasheet
231Kb / 6P
High Voltage Thyristor Diode Module
MCD161-22IO1 IXYS-MCD161-22IO1 Datasheet
92Kb / 3P
High Voltage Thyristor Module
MCD161-22IO1 IXYS-MCD161-22IO1 Datasheet
231Kb / 6P
High Voltage Thyristor Diode Module
More results

Similar Description - MCD161

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Semikron International
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_10 Datasheet
316Kb / 4P
Rectifier Thyristor Module
SEMIX302KT16S SEMIKRON-SEMIX302KT16S Datasheet
320Kb / 4P
Rectifier Thyristor Module
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_15 Datasheet
683Kb / 4P
Rectifier Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com