Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSSF-S-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PBSSF-S-R
Description  10 /1 Gigabit (SM) Fiber Bypass Switch Stand Alone Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSSF-S-R Datasheet(HTML) 3 Page - Silicom Ltd.

  PBSSF-S-R Datasheet HTML 1Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 2Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 3Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Maximum 1.6 dB
Fiber 10Gigabit Ethernet Technical Specifications
– (10GBase-LR) Adapters
IEEE Standard / Network
topology
Fiber Gigabit Ethernet, 10GBase-LR (1310nM)
Data Transfer Rate
20Gbit/s in full duplex mode per port
Cables and Operating distance
Multimode fiber:9um
5000m maximum at 9 um **
Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Insertion Loss (Normal Mode)
Typical: 1.2 dB
Maximum: 1.6 dB
Insertion Loss (Bypass Mode)
Typical: 1.2 dB
Maximum: 1.6 dB
PBSSF-S : General Technical Specifications
Size
x 152mm x 120.5mm x 24mm (6″ x 4.75″ x 1″)
Voltage
+5V
Weight
690 gram (24.4 oz)
Power Consumption
(0.184W) 40mA at 4.6V
Operating Humidity
0%
–90%, non-condensing
Operating Temperature
0°C
– 50°C (32°F – 122°F)
Storage Temperature
-20°C
–65°C (-4°F–149°F)
EMC Certifications
ClassB
MTBF*
> 50 years
PBSSF-S : LED Connector Specifications
LEDs
(1) LED
Blue LED indicating Power /Bypass



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com