Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSSF-S-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PBSSF-S-R
Description  10 /1 Gigabit (SM) Fiber Bypass Switch Stand Alone Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSSF-S-R Datasheet(HTML) 4 Page - Silicom Ltd.

  PBSSF-S-R Datasheet HTML 1Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 2Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 3Page - Silicom Ltd. PBSSF-S-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Connectors
(2) Quad LC per segment
RJ45 Control connector
– Pin 5 5v, Pin 4 GND, pin 1 and pin 2 are shorted
Order Information
P/N
Description
PBSSF-S-R
10 /1 Gigabit (SM) Fiber Bypass Switch Stand Alone Unit
RK-1U-3-PBSS
1U Rack Mount Kit for Three PBSS products
Note: Model P/N /-R
-R: RoHS Compliant / Lead free adapter.
1V1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com