Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752MPFE#PBF Datasheet(PDF) 47 Page - Analog Devices

Part # LT3752MPFE#PBF
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752MPFE#PBF Datasheet(HTML) 47 Page - Analog Devices

Back Button LT3752MPFE#PBF Datasheet HTML 43Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 44Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 45Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 46Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 47Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 48Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 49Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 50Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
LT3752/LT3752-1
47
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
150V to 400V, 12V/16.7A, 200W, Active Clamp Isolated Forward Converter
(Using Gate Drive Transformer for High Side Active Clamp)
Efficiency vs Load Current
R4
95.3k
R5
40.2k
R3
2.94k
R6
13k
R7
100k
R8
124k
R9
78.7k
R23
22k
R24
22k
R10
22k
R11
10k
T1: CHAMPS LT80R2-12AC-3124005
T2: WÜRTH 750817020
T3: PULSE PE-68386NL
T4: ICE GT05-111-100
L1: COILCRAFT AGP2923-153
D1: CENTRAL SEMI CMR1U-10
D2, D3, D5: BAS516
D4: CENTRAL SEMI CMMR1U-02
R13
560
R28
3.16k
R27
100k
VAUX
SYNC
VIN
GND
FB
LT8311
PGOOD
R14
2k
R15
0.022
R18
0.15
R16
10k
C23 3.3nF
R17
499
R35
374k
C22
220nF
R37
100
R36
374k
C10
4.7µF
C9
10µF
INTVCC
VAUX
D1
C21
470pF
M5
BSP300
D3
T2
T4
D2
M1
IPD65R25OC6
IPD60R1K4C6
M3
M2
R25
100
R12
806k
R26
1.2k
2.2nF
C2
0.47µF
C3
0.22µF
PS2801-1
C4
3.3nF
C5
4.7µF
C11
2.2µF
C13
33µF
16V
×4
VOUT
12V
16.7A
C14
330µF
16V
C12
4.7µF
VAUX
C17
1µF
3752 TA05
C18
100pF
C19
22nF
C6 220pF
T3
C16
1µF
INTVCC
INTVCC
SOUT
ISENSEN
ISENSEP
OUT
VIN
AOUT
HISENSE
HOUT
OC
R2
5.76k
R1
499k
R34
499k
UVLO_VSEC
LT3752-1
SYNC
RJK0653DPB
×2
T1
31:5
C20
10µF
D5
M4
FDMS86200
×3
R20
432k
R29
5.11k
L1
15µH
R30
100k
R31
11.3k
+
•
•
•
•
•
•
•
C1
2.2µF
630V
VIN
150V TO
400V
GND
OVLO
HFB
C8
47nF
630V
C15
10nF
630V
R19
402
•
•
R21
100
R22
100
R38
0.002
C27
120pF
C24
10nF
250V
D4
R38
10k
C28
68pF
LOAD CURRENT (A)
0
96
95
94
93
92
90
89
91
88
85
87
86
5
2.5
3752 TA05a
17.5
10
12.5
15
7.5
VIN = 150V
VIN = 250V
VIN = 350V
VIN = 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com