Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752MPFE#PBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT3752MPFE#PBF
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752MPFE#PBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3752MPFE#PBF Datasheet HTML 4Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 5Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 6Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 7Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 8Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 9Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 10Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 11Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LT3752/LT3752-1
8
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3752EFE/LT3752EFE-1 are guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LT3752IFE/LT3752IFE-1 are guaranteed to meet performance
specifications from –40°C to 125°C junction temperature. The LT3752HFE/
LT3752HFE-1 are guaranteed to meet performance specifications from
–40°C to 150°C junction temperature. The LT3752MPFE/LT3752MPFE-1
are tested and guaranteed to meet performance specifications from –55°C
to 150°C junction temperature.
Note 3: For maximum operating ambient temperature, see the Thermal
Calculations section in the Applications Information section.
Note 4: SYNC minimum and maximum thresholds are guaranteed by
SYNC frequency range test using a clock input with guard banded SYNC
levels of 0.7V low level and 1.7V high level.
Note 5: Rise and fall times are measured between 10% and 90% of gate
driver supply voltage.
Note 6: Guaranteed by correlation to static test.
Note 7: VIN start-up current is measured at VIN = VIN(ON) – 0.25V and then
scaled by 1.18× to correlate to worst-case VIN current required for part
start-up at VIN = VIN(ON).
Note 8: Guaranteed by design.
Note 9: ON times are measured between rising and falling edges at 50% of
gate driver supply voltage.
Note 10: Current flows out of pin.
Note 11: Guaranteed by correlation to RTAS = 73.2k test.
Note 12: tOA timing guaranteed by design based on correlation to
measured tAO timing.
Note 13: Guaranteed by correlation to RTAO = 44.2k test.
Note 14: Guaranteed by correlation to RTOS = 14.7k test.
Note 15: A 2µs one-shot of 20µA from the UVLO_VSEC pin allows
communication between ICs to begin shutdown (useful when stacking
supplies for more power ( = inputs in parallel/outputs in series)). The
current is tested in a static test mode. The 2µs one-shot is guaranteed by
design.
Note 16: Guaranteed by correlation to RTBLNK = 14.7k test.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOUT Driver (Housekeeping Controller)
HOUT Rise Time
CL = 1nF (Note 5), INTVCC = 12V
13
ns
HOUT Fall Time
CL = 1nF (Note 5), INTVCC = 12V
12
ns
HOUT Low Level
0.1
V
HOUT High Level
LT3752
LT3752-1
INTVCC = 12V
11.9
11.9
V
V
HOUT Low Level in Shutdown
UVLO_VSEC = 0V, INTVCC = 12V, IHOUT = 1mA
Into the Pin
0.25
V
HOUT Maximum Duty Cycle
HCOMP = 2.7V, RT = 24.9k
90
95
%
HOUT Minimum ON Time
CL = 1nF (Note 9), INTVCC = 12V
350
ns
Soft-Start (HSS) (Housekeeping Controller)
HSS (Internal) Ramp Time (tHSS)
HCOMP SW ≥ HCOMP VOH – 0.1V
2.2
4
ms
Oscillator (Housekeeping Controller)
Frequency (fHOUT) (fOSC Folded Back) (LT3752)
HFB = 0.8V, RT = 24.9k, SS1 = 0V
55
65
75
kHz
Frequency (fHOUT) (fOSC Folded Back) (LT3752-1)
HFB = 0.8V, RT = 24.9k, SS1 = 0V
119
141
163
kHz
Frequency (fHOUT) (Full-Scale fOSC)
HFB = 1.15V, HCOMP = 2.7V
l
279
300
321
kHz
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, UVLO_VSEC = 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com