Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT11P50 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTT11P50
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT11P50 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTT11P50 Datasheet HTML 1Page - IXYS Corporation IXTT11P50 Datasheet HTML 2Page - IXYS Corporation IXTT11P50 Datasheet HTML 3Page - IXYS Corporation IXTT11P50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2005 IXYS All rights reserved
Fig. 1. Output Cha ra cte ristics
@ 25 De g. C
-12
-10
-8
-6
-4
-2
0
-10
-8
-6
-4
-2
0
V
DS - V o lt s
VGS= -10V
-9V
-8V
-7V
-5V
-6V
Fig. 4. RDS(ON) Normalized to ID25 Value
vs. Junction Temperature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100 125 150
TJ - Degrees Centigrade
ID= -11A
ID= -5.5A
VGS= -10V
Fig. 5. RDS(ON ) Norm a lize d to ID25
Va lue vs. ID
0.6
1
1.4
1.8
2.2
2.6
-2 5
-2 0
-1 5
-1 0
-5
0
ID - Am pe re s
TJ=1 25 °C
TJ=2 5 °C
VGS= -1 0V
Fig. 6. Input Adm itta nce
-18
-15
-12
-9
-6
-3
0
-7.5
-7
-6.5
-6
-5.5
-5
-4.5
VGS - Volts
TJ= -40°C
25
°C
125
°C
Fig. 2. Ex te nde d Output Cha ra cte ristics
@ 25 De g. C
-24
-20
-16
-12
-8
-4
0
-20
-16
-12
-8
-4
0
VDS - Volts
VGS= -10V
-9V
-8V
-5V
-6V
-7V
Fig. 3. Output Characteristics
@ 125 Deg. C
-12
-10
-8
-6
-4
-2
0
-18
-15
-12
-9
-6
-3
0
VDS - Volts
VGS= -10V
-9V
-8V
-7V
-5V
-6V
IXTH 11P50
IXTT 11P50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com