Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT11P50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTT11P50
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT11P50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTT11P50 Datasheet HTML 1Page - IXYS Corporation IXTT11P50 Datasheet HTML 2Page - IXYS Corporation IXTT11P50 Datasheet HTML 3Page - IXYS Corporation IXTT11P50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXTH 11P50
IXTT 11P50
Fig. 7. Tra nsconducta nce
0
5
10
15
20
25
-30
-25
-20
-15
-10
-5
0
ID - Am peres
TJ = 25°C
TJ = -40°C
TJ = 125°C
Fig. 8. S ource Curre nt vs. Source -To-
Drain V oltage
0
10
20
30
40
50
0.5
1
1.5
2
2.5
3
3.5
VSD - Volts
TJ=125°C
TJ=25°C
Fig. 9. Gate Charge
-10
-8
-6
-4
-2
0
0
25
50
75
100
125
QG - nanoCoulombs
VDS= -250V
ID= -5.5A
IG= -1m A
Fig. 10. Capacitance
100
1000
10000
-40
-30
-20
-10
0
VDS - Volts
Ciss
Coss
Crss
f=1Mhz
Fig. 14. M a xim um Transient The rm al Re sistance
0.01
0.1
1
1
10
100
1000
Pulse W idth - m illiseconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com