Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21 Datasheet(PDF) 1 Page - Silicon Supplies

Part # BAS21
Description  250V 0.4A Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BAS21 Datasheet(HTML) 1 Page - Silicon Supplies

  BAS21 Datasheet HTML 1Page - Silicon Supplies BAS21 Datasheet HTML 2Page - Silicon Supplies BAS21 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
250V 0.4A Fast Switching Diode – BAS21 
 
 
 
 
Small-Signal high voltage switching diode in bare die form
Fast Switching Speed
Rev 1.0
27/9/20
 
High conductance
 
 
High minimum breakdown voltage 275V
General purpose switching applications
 
High reliability tested grades.
 
 
 
 
 
 
 
 
 
Features:
Die Dimensions in µm (mils)
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
200 (8)
410 (16)
ANODE
ANODE
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
LAT = Lot Acceptance Test.
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
CHIP BACKSIDE IS CATHODE
 
 
Die Size (Unsawn)
410 x 410
 
 
 
 
16.14 x 16.14
µm
mils
Anode Pad Size
200 X 200
7.87 X 7.87
µm
mils
Die Thickness
180 (±15)
7.09 (±0.59)
µm
mils
Top Metal Composition
Al
Back Metal Composition
AuAs
 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
Die Thickness <> 180µm(7 Mils) – On request
With additional electrical selection – On request
Page 1 of 3 
www.siliconsupplies.com


Similar Part No. - BAS21

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS21 PANJIT-BAS21 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS21 PHILIPS-BAS21 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS21 VISHAY-BAS21 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS21 TRSYS-BAS21 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS21 ZETEX-BAS21 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAS21

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T Datasheet
261Kb / 2P
0.4A , 250V Plastic-Encapsulated Diode
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com