Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BAS21
Description  250V 0.4A Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BAS21 Datasheet(HTML) 2 Page - Silicon Supplies

  BAS21 Datasheet HTML 1Page - Silicon Supplies BAS21 Datasheet HTML 2Page - Silicon Supplies BAS21 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
 
Absolute Maximum Ratings1 T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Non-repetitive Peak Reverse Voltage
250V 0.4A Fast Switching Diode – BAS21
Rev 1.0
27/9/20
VRSM
300
V
Repetitive Peak Reverse Voltage
VRRM
275
 
V
Working Peak Reverse Voltage
VRWM
250
V
Average Rectified Output Current
IO
200
 
mA
DC Forward Current
IF
400
mA
Recurrent Peak Forward Current
If
625
 
mA
Pulse width 1s
1
Non-repetitive
Peak forward surge current
IFSM
 
Pulse width 1µs
4
A
Power Dissipation
PD
250
mW
 
Operating Junction temperature
TJ
-55 to 175
°C
Storage Temperature Range
TSTG
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Electrical Characteristics T
J = 25°C unless otherwise stated
-65 to 200
°C
 
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Breakdown Voltage
VR
IR = 100µA
275
-
-
V
IF = 100mA
-
-
1.00
Forward Voltage
2
VF
IF = 200mA
-
-
1.25
V
VR = 200V
-
-
0.10
Reverse Leakage
IR
VR = 200V, TJ = 150°C
-
-
100
µA
Total Capacitance
CT
VR = 0V, f = 1MHz
-
-
5
pF
Reverse Recovery Time
trr
IF = IR = 30mA,
Irr = 3mA, RL = 100Ω
-
-
50
ns
 
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Pulse Width = 8.3ms, Non-recurrent square wave
Page 2 of 3 
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com