Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC161 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MCC161
Description  High Voltage Thyristor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC161 Datasheet(HTML) 2 Page - IXYS Corporation

  MCC161 Datasheet HTML 1Page - IXYS Corporation MCC161 Datasheet HTML 2Page - IXYS Corporation MCC161 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2005 IXYS All rights reserved
2 - 3
MCC 161
MCD 161
Symbol
Conditions
Characteristic Values
I
RRM, IDRM
V
R = VRRM;TVJ = TVJM
40
mA
V
T
I
T
= 300A; T
VJ = 25°C
1.36
V
V
T0
For power-loss calculations only (T
VJ = TVJM)
0.8
V
r
T
1.6
m
Ω
V
GT
V
D
= 6 V;
T
VJ =
25°C
2
V
T
VJ = -40°C
2.6
V
I
GT
V
D
= 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
200
mA
V
GD
V
D =
2/
3VDRM;TVJ = TVJM
0.25
V
I
GD
V
D =
2/
3VDRM;TVJ = TVJM
10
mA
I
L
T
VJ = 25°C; VD = 6 V; tP = 30 µs
200
mA
di
G/dt = 0.45 A/µs; IG = 0.45 A
I
H
T
VJ
= 25°C; V
D = 6 V; RGK =
∞
150
mA
t
gd
T
VJ
= 25°C; V
D = 1/2 VDRM
2µs
di
G/dt = 0.5
A/µs; I
G
= 0.5 A
t
q
T
VJ = TVJM; VR = 100 V; VD =
2/
3VDRM; tP = 200 µs
typ. 150
µs
dv/dt = 20 V/µs; I
T = 160 A; -di/dt = 10A/µs
Q
S
T
VJ = TVJM
550
µC
I
RM
-di/dt = 50 A/µs; I
T = 300 A
235
A
R
thJC
per thyristor; DC current
0.155
K/W
per module
0.078
K/W
R
thJK
per thyristor; DC current
0.225
K/W
per module
0.113
K/W
d
S
Creeping distance on surface
12.7
mm
d
A
Creepage distance in air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")
Optional accessories for modules
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 180L
(L = Left for pin pair 4/5)
UL 758, style 1385,
Type ZY 180R
(R = right for pin pair 6/7)
CSA class 5851, guide 460-1-1
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time
0.5
1.5
0.0
1.0
2.0
0
50
100
150
200
250
300
350
400
450
500
I
T,
I
F
V
T, VF
V
A
T
VJ = 25°C
T
VJ = 125°C
Fig 3:
Forward current vs. voltage
drop per thyristor/diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com