Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC161 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC161
Description  High Voltage Thyristor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC161 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC161 Datasheet HTML 1Page - IXYS Corporation MCC161 Datasheet HTML 2Page - IXYS Corporation MCC161 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2005 IXYS All rights reserved
1 - 3
MCC 161
MCD 161
Symbol
Conditions
Maximum Ratings
I
TRMS
T
VJ = TVJM
300
A
I
TAVM
T
C = 85°C; 180° sine
165
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz)
6000
A
V
R = 0
t = 8.3 ms (60 Hz)
6400
A
T
VJ = TVJM;
t = 10 ms (50 Hz)
5250
A
V
R = 0
t = 8.3 ms (60 Hz)
5600
A
I2dt
T
VJ = 45°C;
t = 10 ms (50 Hz)
180000
A2s
V
R = 0
t = 8.3 ms (60 Hz)
170000
A2s
T
VJ = TVJM;
t = 10 ms (50 Hz)
137000
A2s
V
R = 0
t = 8.3 ms (60 Hz)
128000
A2s
(di/dt)
cr
T
VJ = TVJM;
repetitive, I
T = 500 A
150
A/µs
f = 50 Hz; t
P = 200 µs;
V
D =
2/
3 VDRM;
I
G = 0.5 A;
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.5 A/µs
(dv/dt)
cr
T
VJ = TVJM;
V
DR =
2/
3 VDRM
1000
V/µs
R
GK =
∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM;tP =
30 µs
120
W
I
T
= I
TAVM;tP = 500 µs
60
W
P
GAV
8W
V
RGM
10
V
T
VJ
-40...125
°C
T
VJM
125
°C
T
stg
-40...125
°C
V
ISOL
50/60 Hz, RMS; t = 1 min
3000
V~
I
ISOL < 1 mA;
t = 1 s
3600
V~
M
d
Mounting torque (M6)
2.25-2.75
Nm
Terminal connection torque (M6)
4.5-5.5
Nm
Weight
Typical including screws
125
g
I
TRMS = 2x300 A
I
TAVM = 2x165 A
V
RRM = 2000-2200 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
2100
2000
MCC 161-20io1 MCD 161-20io1
2300
2200
MCC 161-22io1 MCD 161-22io1
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated
Features
• International standard package
• Direct Copper Bonded Al
2O3-ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
• Keyed gate/cathode twin pins
Applications
• Motor control
• Power converter
• Heat and temperature control for
industrial furnaces and chemical
processes
• Lighting control
• Contactless switches
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power
cycling
• Reduced protection circuits
High Voltage Thyristor Module
1
2
3
6 7
5
4
IXYS reserves the right to change limits, test conditions and dimensions
MCD
MCC 3
6 7 1
542
31
5 4 2


Similar Part No. - MCC161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC161-20IO1 IXYS-MCC161-20IO1 Datasheet
220Kb / 6P
High Voltage Thyristor Module
MCC161-22I01 IXYS-MCC161-22I01 Datasheet
181Kb / 6P
High Voltage Thyristor Module
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
220Kb / 6P
High Voltage Thyristor Module
More results

Similar Description - MCC161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
220Kb / 6P
High Voltage Thyristor Module
MCC224-20IO1 IXYS-MCC224-20IO1 Datasheet
325Kb / 6P
High Voltage Thyristor Module
MCC224-22IO1 IXYS-MCC224-22IO1 Datasheet
325Kb / 6P
High Voltage Thyristor Module
MCNA40P2200TA IXYS-MCNA40P2200TA Datasheet
504Kb / 5P
High Voltage Thyristor Module
MCNA55P2200TA IXYS-MCNA55P2200TA Datasheet
506Kb / 5P
High Voltage Thyristor Module
MCNA75P2200TA IXYS-MCNA75P2200TA Datasheet
506Kb / 5P
High Voltage Thyristor Module
MCNA95P2200TA IXYS-MCNA95P2200TA Datasheet
507Kb / 5P
High Voltage Thyristor Module
MCNA150P2200YA IXYS-MCNA150P2200YA Datasheet
210Kb / 5P
High Voltage Thyristor Module
MCNA180P2200YA IXYS-MCNA180P2200YA Datasheet
209Kb / 5P
High Voltage Thyristor Module
MCO450-20IO1 IXYS-MCO450-20IO1 Datasheet
317Kb / 6P
High Voltage Thyristor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com