Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX163245LBR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCX163245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245LBR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCX163245LBR Datasheet HTML 3Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 4Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 5Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 6Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 9Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 10Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74VCX163245
7/15
DYNAMIC SWITCHING CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA =25 °C
-40to85°C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLPB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
0.6
V
1.8
3.3
0.8
2.5
3.3
0.8
VOLVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
-0.6
V
1.8
3.3
-0.8
2.5
3.3
-0.8
VOLVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.6
VOHVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
1.7
V
1.8
3.3
2.0
2.5
3.3
2.0
VOHVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =Vcc
1.3
V
1.8
3.3
1.3
2.5
3.3
1.7
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
5.8
ns
1.8
± 0.15 3.3 ± 0.3
1.0
6.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tPLH tPHL
Propagation Delay Time
Bn to An
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
5.5
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
OE to An
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
5.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
OE to Bn
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
8.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
8.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.6
tPLZ tPHZ
Output Disable Time
OE to An
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
5.2
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.6
2.5
± 0.2 3.3 ± 0.3
1.0
4.5
tPLZ tPHZ
Output Disable Time
OE to Bn
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
1.0
4.6
ns
1.8
± 0.15 3.3 ± 0.3
1.0
4.5
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
1.8
± 0.15 2.5 ± 0.2
CL =30pF
RL =500 Ω
0.5
ns
1.8
± 0.15 3.3 ± 0.3
0.5
1.8
± 0.15 3.3 ± 0.3
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com