Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX163245LBR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VCX163245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245LBR Datasheet(HTML) 2 Page - STMicroelectronics

  74VCX163245LBR Datasheet HTML 1Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 2Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 3Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 4Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 5Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 6Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 7Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 8Page - STMicroelectronics 74VCX163245LBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74VCX163245
2/15
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TFBGA54 PIN No
µTFBGA42 PIN No
TSSOP PIN No
SYMBOL
NAME AND FUNCTION
A3
B3
1
1DIR
Directional Controls
J3
F3
24
2DIR
Directional Controls
A6, B5, B6, C5,
C6, D5, D6, E5
A4, A5, A6, B5,
B6, C5, C6, D5
47, 46, 44, 43,
41, 40, 38, 37
1A1 to 1A8
Data Inputs/Outputs
E6, F5, F6, G5,
G6, H5, H6, J6
D6, E5, E6, F5,
F6,G4, G5, G6
36, 35, 33, 32,
30, 29, 27, 26
2A1 to 2A8
Data Inputs/Outputs
A1, B2, B1, C2,
C1, D2, D1, E2
A3, A2, A1, B2,
B1, C2, C1, D2
2, 3, 5, 6,
8, 9, 11, 12
1B1 to 1B8
Data Inputs/Outputs
E1, F2, F1, G2,
G1, H2, H1, J1
D1, E2, E1, F2,
F1,G3, G2, G1
13, 14, 16, 17,
19, 20, 22, 23
2B1 to 2B8
Data Inputs/Outputs
J4
F4
25
G2
Output Enable Inputs
A4
B4
48
G1
Output Enable Inputs
D3, D4, E3, E4,
F3, F4
C3, C4, E3, E4
4,10,15, 21,
28, 34, 39, 45
GND
Ground (0V)
A2, A5, B3, B4,
H3, H4, J2, J5
-
-
NC
No Connected
C4, G4
D4
42, 31
VCCA
Positive Supply Voltage
C3,G3
D3
7,18
VCCB
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com