Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM645K Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SM645K
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM645K Datasheet(HTML) 4 Page - Microsemi Corporation

  SM645K Datasheet HTML 1Page - Microsemi Corporation SM645K Datasheet HTML 2Page - Microsemi Corporation SM645K Datasheet HTML 3Page - Microsemi Corporation SM645K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM645/SM646/SM647
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Note 1. All packages are viewed from the top.
2. Consult factory for additional screening available.
4-TERMINAL TO-3
METAL CAN
K - PACKAGE
Ambient
Temperature Range
SM645K
0
°C to 70°C
SM645HRK
-55
°C to 125°C
SM646K
0
°C to 70°C
SM646HRK
-55
°C to 125°C
SM647K
0
°C to 70°C
SM647HRK
-55
°C to 125°C
Part No.
Package
Connection Diagram
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)
POSITIVE OUTPUT
POSITIVE INPUT
CASE IS
COMMON
1
4
3
DRIVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com