Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM645K Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM645K
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM645K Datasheet(HTML) 1 Page - Microsemi Corporation

  SM645K Datasheet HTML 1Page - Microsemi Corporation SM645K Datasheet HTML 2Page - Microsemi Corporation SM645K Datasheet HTML 3Page - Microsemi Corporation SM645K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM645/SM646/SM647
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
FEATURES
••••• Equivalent to the Unitrode PIC 645, 646, 647
••••• 15A current capability
••••• Cost saving design reduces size, improves efficiency,
reduces noise and RFI
••••• High operating frequency (to > 100KHz) results in
smaller inductor-capacitor filter and improved power
supply response time
••••• High operating efficiency at 7A typical performance -
Rise and fall time < 300ns
Efficiency > 85%
HIGH RELIABILITY FEATURES
♦
♦
♦
♦
♦ Available with high reliability processing
DESCRIPTION
The SM645/646/647 series of Power Output Stages are espe-
cially designed to be driven with standard PWM integrated
circuits to form an efficient switching power supply. The SM645,
SM646 and SM647 are optimized for non-isolated Buck and
Buck-Boost application. The hybrid circuit construction utilizes
thick film resistors on a beryllia substrate for maximum thermal
conductivity and resultant low thermal impedance. All of the
active elements in the hybrid are fully passivated.
SWITCHING REGULATOR
POWER OUTPUT STAGES
SM645/SM646/SM647
FUNCTIONAL DIAGRAM


Similar Part No. - SM645K

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451 NPC-SM6451 Datasheet
155Kb / 12P
Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
Audio Variable Volume IC
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
Audio Variable Volume IC
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
Audio Variable Volume IC
More results

Similar Description - SM645K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
Low Power Fast Switching Output Stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Microsemi Corporation
SM601R MICROSEMI-SM601R Datasheet
66Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
6-OUTPUT SWITCHING REGULATOR
logo
Fairchild Semiconductor
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
Suitable for AF-Driver stages and low power output stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
For AF driver and output stages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com