Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4BPI80L-SD-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PE2G4BPI80L-SD-R
Description  Quad Port Copper Gigabit Ethernet PCI Express Gen 2.0 Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80L-SD-R Datasheet(HTML) 4 Page - Silicom Ltd.

  PE2G4BPI80L-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 6Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
speeds and duplex 1000Mb/s
Data Transfer Rate:
1000 Mbit/s, 100 Mbit/s and 10 Mbits/sec in simplex mode per port.
2000Mbit/s 200 and 20 Mbit/s in full duplex mode per port
Cables and Operating
distance:
10Base-T Category 3, 4, or 5 maximum 50m *
100Base-Tx Category 5 maximum 50m *
1000Base-T Category 5E maximum 50m *
*Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.0 (5 GTs)
Board Size:
Low profile short add-in card:
167.64mm X 68.91mm (6.60”X 2.713”)
PCI Express Card Type:
X8
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Finger: X4
Controller:
Intel 82580
Holder:
Metal Bracket: Full Height/Low profile Height
I/O:
Quad RJ45 located on edge of the board
Power Consumption:
Normal mode:
5.16W, 0.43A at 12V: Typical all ports operate at 1000Mb/s.
3.72W, 0.31A at 12V: Typical all ports operate at 100Mb/s.
3.60W, 0.30A at 12V: Typical all ports operate at 10Mb/s.
3.12W, 0.26A at 12V, 0.76A at 3.3V: Typical No link at all ports.
Bypass mode:
2.88W, 0.24A at 12V: Typical Bypass Mode
Disconnect mode:
2.88W, 0.24A at 12V: Typical Bypass Mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com