Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4BPI80L-SD-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2G4BPI80L-SD-R
Description  Quad Port Copper Gigabit Ethernet PCI Express Gen 2.0 Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80L-SD-R Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2G4BPI80L-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 6Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Bypass:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs
Software programmable Bypass, Disconnect or Normal Mode
On Board Watch Dog Timer (WDT) Controller
Software programmable time out interval
Software Programmable WDT Enable / Disable counter
Software programmable Bypass Capability Enable / Disable
Software Programmable Disconnect Capability Enable / Disable
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up
Software Programmable mode (Bypass, Normal mode) at Power off
Independent Bypass operation in every two ports
Copper Gigabit Ethernet 1000Base-T :
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Performance Features:
8 Transmit and Receive queues per port
Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems
Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port
Support Direct Cache Access (DCA)
Support Intel I/O Acceleration Technology v3.0
TSO interleaving for reduced latency
Minimized device I/O interrupts using MSI and MSI-X
UDP, TCP and IP checksum offload
UDP and TCP transmit segmentation offload (TSO)
SCTP receive and transmit checksum offload
Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation
Common Key features:
usa.com
-
www.silicom



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com