Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM30R080P Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # FM30R080P
Description  30 AMP FILTER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

FM30R080P Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  FM30R080P Datasheet HTML 1Page - CINCON ELECTRONICS Corporation FM30R080P Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
FM SERIES
30 AMP
FILTER MODULE
FEATURES
* Compact Size 2.28”x1.45”
* Quarter-Brick Size
* Six-Sided Shield Metal Case
* PCB Mount
* 30A Filter Module
* 80VDC Input Voltage Maximum
* Suitable for EN50121-3-2:2015 Output Specification
* Fire & Smoke Meets EN45545-2
MODEL
NUMBER
INPUT
VOLTAGE
INPUT SURGE
VOLTAGE
OUTPUT RATED
CURRENT
DC
RESISTANCE
(+Vin to +Vo)
DC
RESISTANCE
(-Vin to –Vo)
FM30R080P
80 VDC max.
100 VDC max.
30 A max.
3.0 mΩ typ.
3.0 mΩ typ.
Schematic for FM30R080P Module


Similar Part No. - FM30R080P

ManufacturerPart #DatasheetDescription
logo
RFE international
FM300 RFE-FM300 Datasheet
87Kb / 1P
FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
Desktop Formaldehyde (CH2O or HCHO) Monitor
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
GENERAL-PURPOSE PLASTIC RECTIFIERS
FM3000W RECTRON-FM3000W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
SHENZHEN FUMAN ELECTRON...
FM3004 FUMAN-FM3004 Datasheet
153Kb / 4P
USB charge controller
More results

Similar Description - FM30R080P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
FST31120 MICROSEMI-FST31120 Datasheet
139Kb / 2P
30 AMP SCHOTTKY RECTIFIERS
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
30 AMP POWER RELAY
logo
Digitron Semiconductors
SD241 DIGITRON-SD241 Datasheet
218Kb / 2P
30 AMP SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
30 Amp Schottky Rectifier
logo
CINCON ELECTRONICS Corp...
FM05D200P CINCON-FM05D200P Datasheet
227Kb / 2P
5 AMP FILTER MODULE
FM10D200P CINCON-FM10D200P Datasheet
554Kb / 2P
10 AMP FILTER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com