Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM30R080P Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # FM30R080P
Description  30 AMP FILTER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

FM30R080P Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  FM30R080P Datasheet HTML 1Page - CINCON ELECTRONICS Corporation FM30R080P Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
NOTE:
Input Voltage Range ....……………....……............................... 80Vdc max.
1. Maximum case temperature under any operating condition should
Input Surge Voltage …………………………....………............... 100Vdc/1s
not exceed 110℃.
Input Rated Current (note 1) ………………..……………………… 30A max.
GENERAL SPECIFICATIONS:
Typical Derating Curve
-40
90
110
70
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100 120 140
Ambient Temperature(
o C)
with heatsink M-C421(20LFM)
Natural Convection(20LFM)
Isolation Voltage .................. Input/Case/Output/Case ........ 1000Vdc min.
Isolation Resistance…………………………………..….……..10
8ohm min.
DC Resistance …………………………………………………….. See Table
Operating Case Temperature Range (note1) ……..….... -40℃ to +110℃
Storage Temperature Range ...…............……..…....... -55℃ to +125℃
Dimensions ........................... 2.28x1.45x0.50inches (57.9x36.8x12.7mm)
Case Materials …...….…………….… Aluminum with Non-Conducted Base
Weight ……….……………………………………………………………… 60g
Common-Mode Insertion Loss
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
100
1000
10000
100000
KHz
Gain
Typical Common-mode Loss for FM30R080P
Differential-Mode Insertion Loss
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
100
1000
10000
100000
KHz
Gain
Typical Differential-mode Loss for FM30R080P
All Dimensions In Inches[mm]
Tolerance
Inches:x.xx= ±0.02, x.xxx= ±0.010
Millimeters:x.x= ±0.5, x.xx=±0.25
PIN CONNECTION
PIN
Function
1
+V Input
2,7
+Sense
3,6
-Sense
4
-V Input
5
-V Output
8
+V Output
9
Case
1.858 [47.20]
2.000 [50.80]
2.28[57.9]
1.000[25.40]
1
2
3
4
9
8
7
6
5
BOTTOM VIEW
Mounting Inserts
M3*0.5 Through 4pl
0.20[5.2]
0.50[12.7]
KIA 5PLACES
KIA 4PLACES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com