Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4I80L-R Datasheet(PDF) 5 Page - Silicom Ltd.

Part # PE2G4I80L-R
Description  Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4I80L-R Datasheet(HTML) 5 Page - Silicom Ltd.

  PE2G4I80L-R Datasheet HTML 1Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 2Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 3Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 4Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF:
175 (Years)
*According to Telcordia SR-332 Issue 1
Environmental condition
– GB (Ground, Fixed, Controlled). Ambient temperature – 25°C.
Temperature rise of 15°C above the system ambient temperature was assumed for the cards
components
LEDs
LEDs:
(2) LEDs per port
Link / Act Led:
Turn on any Link speed , Blinks on Activity (green)
Speed (Bi-color) Led:
1000Mb/s: Turns on Yellow
100Mb/s: Turns on Green.
10Mb/s: Turns off
LEDs location:
LEDs are integrated on RJ-45 connector
Connectors:
(4) Shielded RJ-45
Order Information
P/N
Description
Notes
PE2G4i80L-R
Quad Port Copper Gigabit Ethernet PCI Express
Server Adapter
X4, Based on Intel 82580EB, Low-Profile, RoHS
compliant
Note: Model P/N -LP /-RoHS
-R: RoHS Compliant / Lead free adapter
-LP: Assemble Low Profile Metal Bracket, available in dual or single port only
1v4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com