Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G4I80L-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2G4I80L-R
Description  Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4I80L-R Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2G4I80L-R Datasheet HTML 1Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 2Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 3Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 4Page - Silicom Ltd. PE2G4I80L-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
SCTP receive and transmit checksum offload
Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation
Copper Gigabit Ethernet 1000Base-T :
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Common Key features:
Support PCI Express Base Specification 2.0 (5 GTs)
High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
Link Aggregation and Load Balancing
o
Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC)
o
Switch and NIC Independent
o
Failover
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (9.5KB)
802.x flow control
Multicast/ broadcast Packet replication
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity/Speed status



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com