Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWD485C/D Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HWD485C/D
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD485C/D Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HWD485C/D Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 12Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 13Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 14Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 15Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
TTL IN
tR, tF < 6ns
D
R
100pF
B
100pF
A
RECEIVER
OUT
R = 54Ω
Z
Y
500mV/div
20ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
500mV/div
20ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
500mV/div
400ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
500mV/div
400ns/div
A
B
RO
2V/div
VCC = 5V
TA = +25°C
Figure 14. Receiver Propagation Delay Test Circuit
Figure 15. HWD481/HWD485/HWD490/HWD491/HWD487
Receiver tPHL
Figure 16. HWD481/HWD485/HWD490/HWD491/HWD1487
Receiver tPLH
Figure 17. HWD483, HWD487–HWD489 Receiver tPHL
Figure 18. HWD483, HWD487–HWD489 Receiver tPLH
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com