Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWD485C/D Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # HWD485C/D
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD485C/D Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button HWD485C/D Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 12Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 13Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 14Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 15Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 16Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 17Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 18Page - List of Unclassifed Manufacturers HWD485C/D Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
_______________Ordering Information
_________________Chip Topographies
HWD481/HWD483/HWD485/HWD487/HWD1487
N.C.
RO
0.054"
(1.372mm)
0.080"
(2.032mm)
DE
DI
GND
B
N.C.
VCC
A
RE
* Contact factory for dice specifications.
14 CERDIP
-55°C to +125°C
HWD489MJD
14 SO
-40°C to +85°C
HWD489ESD
14 Plastic DIP
-40°C to +85°C
HWD489EPD
Dice*
0°C to +70°C
HWD489C/D
14 SO
0°C to +70°C
HWD489CSD
14 Plastic DIP
0°C to +70°C
HWD489CPD
8 CERDIP
-55°C to +125°C
HWD488MJA
8 SO
-40°C to +85°C
HWD488ESA
8 Plastic DIP
-40°C to +85°C
HWD488EPA
Dice*
0°C to +70°C
HWD488C/D
8 SO
0°C to +70°C
HWD488CSA
8 Plastic DIP
0°C to +70°C
HWD488CPA
8 CERDIP
-55°C to +125°C
HWD487MJA
8 SO
-40°C to +85°C
HWD487ESA
8 Plastic DIP
-40°C to +85°C
HWD487EPA
Dice*
0°C to +70°C
HWD487C/D
8 SO
0°C to +70°C
HWD487CSA
8 Plastic DIP
0°C to +70°C
HWD487CPA
8 CERDIP
-55°C to +125°C
HWD485MJA
8 SO
-40°C to +85°C
HWD485ESA
8 Plastic DIP
-40°C to +85°C
HWD485EPA
Dice*
0°C to +70°C
HWD485C/D
8 SO
0°C to +70°C
HWD485CSA
8 Plastic DIP
0°C to +70°C
HWD485CPA
8 CERDIP
-55°C to +125°C
HWD483MJA
8 SO
-40°C to +85°C
HWD483ESA
8 Plastic DIP
-40°C to +85°C
HWD483EPA
8 CERDIP
-55°C to +125°C
HWD481MJA
8 Plastic DIP
0°C to +70°C
HWD481CPA
PIN-PACKAGE
TEMP. RANGE
PART
14 CERDIP
-55°C to +125°C
HWD491MJD
14 SO
-40°C to +85°C
HWD491ESD
14 Plastic DIP
-40°C to +85°C
HWD491EPD
Dice*
0°C to +70°C
HWD491C/D
14 SO
0°C to +70°C
HWD491CSD
14 Plastic DIP
0°C to +70°C
HWD491CPD
8 CERDIP
-55°C to +125°C
HWD490MJA
8 SO
-40°C to +85°C
HWD490ESA
8 Plastic DIP
-40°C to +85°C
HWD490EPA
Dice*
0°C to +70°C
HWD490C/D
8 Plastic DIP
0°C to +70°C
HWD490CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
-40°C to +85°C
HWD481ESA
8 µMAX
0°C to +70°C
HWD485CUA
8 µMAX
0°C to +70°C
HWD487CUA
8 µMAX
0°C to +70°C
HWD488CUA
8 SO
0°C to +70°C
HWD490CSA
8 µMAX
0°C to +70°C
HWD490CUA
__Ordering Information (continued)
8 CERDIP
-55°C to +125°C
HWD1487MJA
8 SO
-40°C to +85°C
HWD1487ESA
8 Plastic DIP
-40°C to +85°C
HWD1487EPA
Dice*
0°C to +70°C
HWD1487C/D
8 SO
0°C to +70°C
HWD1487CSA
8 Plastic DIP
0°C to +70°C
HWD1487CPA
8 µMAX
0°C to +70°C
HWD1487CUA
8 µMAX
0°C to +70°C
HWD483CUA
Dice*
0°C to +70°C
HWD483C/D
8 SO
0°C to +70°C
HWD483CSA
8 Plastic DIP
0°C to +70°C
HWD483CPA
8 Plastic DIP
-40°C to +85°C
HWD481EPA
Dice*
0°C to +70°C
HWD481C/D
8 µMAX
0°C to +70°C
HWD481CUA
8 SO
0°C to +70°C
HWD481CSA
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com