Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S/CH Datasheet(PDF) 4 Page - International Rectifier

Part # ATR2805S/CH
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S/CH Datasheet(HTML) 4 Page - International Rectifier

  ATR2805S/CH Datasheet HTML 1Page - International Rectifier ATR2805S/CH Datasheet HTML 2Page - International Rectifier ATR2805S/CH Datasheet HTML 3Page - International Rectifier ATR2805S/CH Datasheet HTML 4Page - International Rectifier ATR2805S/CH Datasheet HTML 5Page - International Rectifier ATR2805S/CH Datasheet HTML 6Page - International Rectifier ATR2805S/CH Datasheet HTML 7Page - International Rectifier ATR2805S/CH Datasheet HTML 8Page - International Rectifier ATR2805S/CH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
ATR28XXS Series
Specifications
For Notes to Specifications, refer to page 5
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300
°C for 10 seconds
Case Temperature
Operating -55
°C to +125°C
Storage
-65
°C to +135°C
Table II. Electrical performance Characteristics
Limits
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C
V
IN = 28VDC ±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Units
Output voltage
V
OUT
I
OUT = 0
1
01
4.95
5.05
V
2,3
4.90
5.10
Output current
1
I
OUT
V
IN = 16, 28, and 40 VDC
1,2,3
01
6000
mA
Output ripple voltage
2
V
RIP
V
IN = 16, 28, and 40 VDC
B.W. = 20Hz to 2 MHz
1,2,3
01
60
mV p-p
Line regulation
3
VR
LINE
V
IN = 16, 28, and 40 VDC
I
OUT = 0, 3000, and 6000mA
1
01
±20
mV
2,3
±30
Load regulation
3
VR
LOAD
V
IN = 16,28, and 40 VDC
I
OUT = 0, 3000, and 6000mA
1,2,3
01
±50
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 2)
Tied to input return (pin 10)
1,2,3
01
18
mA
I
OUT = 0, inhibit (pin 2) = open
50
Input ripple current
2
I
RIP
I
OUT =6000mA
B.W. = 20Hz to 2 MHz
1,2,3
01
50
mA p-p
Efficiency
E
FF
I
OUT =6000mA
1
01
76
%
2,3
72
Isolation
ISO
Input to output or any pin
to case (except pin 8) at
500 VDC, TC =+25
°C
1
01
100
M
Ω
Capacitive load
4, 5
C
L
No effect on dc performance
TC =+25
°C
4
01
500
µF
Power dissipation
load fault
P
D
Overload, TC = +25
°C 6
1
01
12
W
Short Circuit
1,2,3
9
Switching frequency
F
S
I
OUT = 6000mA
4,5,6
01
500
600
KHz
Sync frequency range
F
SYNC
I
OUT = 6000mA
4,5,6
01
500
700
KHz
Output response to step
VO
TLOAD
3000mA to/from 6000mA
4,5,6
01
-500
+500
mV pk
transient load changes
7
500mA to/from 3000mA
4,5,6
-500
+500
Recovery time step
TT
LOAD
3000mA to/from 6000mA
4
100
transient load changes
7, 8
5,6
01
200
µs
500mA to/from 3000mA
4
100
5,6
200
Output response to transient
step line changes
5, 9
VO
TLINE
Input step 16V to/from
40VDC, I
OUT = 6000mA
4,5,6
01
±500
mV pk
ATR2805S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com