Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S/CH Datasheet(PDF) 6 Page - International Rectifier

Part # ATR2805S/CH
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S/CH Datasheet(HTML) 6 Page - International Rectifier

Back Button ATR2805S/CH Datasheet HTML 2Page - International Rectifier ATR2805S/CH Datasheet HTML 3Page - International Rectifier ATR2805S/CH Datasheet HTML 4Page - International Rectifier ATR2805S/CH Datasheet HTML 5Page - International Rectifier ATR2805S/CH Datasheet HTML 6Page - International Rectifier ATR2805S/CH Datasheet HTML 7Page - International Rectifier ATR2805S/CH Datasheet HTML 8Page - International Rectifier ATR2805S/CH Datasheet HTML 9Page - International Rectifier ATR2805S/CH Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
ATR28XXS Series
Specifications
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300
°C for 10 seconds
Case Temperature
Operating -55
°C to +125°C
Storage
-65
°C to +135°C
Table III. Electrical performance Characteristics
ATR2812S
Limits
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C
V
IN = 28VDC ±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Units
Output voltage
V
OUT
I
OUT = 0
1
01
11.88
12.12
V
2,3
11.70
12.30
Output current
1
I
OUT
V
IN = 16, 28, and 40 VDC
1,2,3
01
2500
mA
Output ripple voltage
2
V
RIP
V
IN = 16, 28, and 40 VDC
B.W. = 20Hz to 2 MHz
1,2,3
01
60
mVp-p
Line regulation
3
VR
LINE
V
IN = 16, 28, and 40 VDC
I
OUT = 0, 1250, and 2500mA
1
01
±30
mV
2,3
±60
Load regulation
3
VR
LOAD
V
IN = 16,28, and 40 VDC
I
OUT = 0, 1250, and 2500mA
1
01
±60
mV
2,3
±120
Input current
I
IN
I
OUT = 0, inhibit (pin 2)
Tied to input return (pin 10)
1,2,3
01
18
mA
I
OUT = 0, inhibit (pin 2) = open
1
50
2,3
75
Input ripple current
2
I
RIP
I
OUT =2500mA
B.W. = 20Hz to 2 MHz
1,2,3
01
50
mAp-p
Efficiency
E
FF
I
OUT=2500mA
1
01
80
%
2,3
75
Isolation
I
SO
Input to output or any pin
To case (except pin 8) at
500 VDC, TC =+25
°C
1
01
100
M
Ω
Capacitive load
4, 5
C
L
No effect on dc performance
TC =+25
°C
4
01
500
µF
Power dissipation
load fault
P
D
Overload, TC = +25
°C 6
1
01
12
W
Short Circuit
1,2,3
9
Switching frequency
F
S
I
OUT = 2500mA
4,5,6
01
500
600
KHz
Sync frequency range
F
SYNC
I
OUT = 2500mA
4,5,6
01
500
700
KHz
Output response to step
VO
TLOAD
1250mA to/from 2500mA
4,5,6
01
-800
+800
mV pk
transient load changes
7
200mA to/from 1250mA
4,5,6
-1000
+1000
Recovery time step
TT
LOAD
1250mA to/from 2500mA
4
100
transient load changes
7, 8
5,6
01
200
µs
200mA to/from 1250mA
4
100
5,6
200
Output response to
transient step line
changes
5, 9
VO
TLINE
Input step 16V to/from
40VDC, I
OUT = 2500mA
4,5,6
01
±1200
mV pk
For Notes to Specifications, refer to page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com