Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2SA Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC2SA
Description  2 WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC2SA Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC2SA Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC2SA Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V17
1
︳
EC2SA SERIES
2 WATT WIDE INPUT
DC-DC
CONVERTERS
FEATURES
* 2W Isolated Output
* Compact SIP-8 Package
* Efficiency to 84%
* 2:1 Input Range
* Regulated Outputs
* Remote On/Off Control
* 1500VDC Isolation
* Continuous Short Circuit Protection
* Under Voltage Protection
* CE Mark Meets 2014/30/EU
* Safety Meets UL60950-1, EN60950-1, and IEC60950-1
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC2SA-05S33N 4.5-9.0 VDC
3.3 VDC
0 mA
500 mA
60 mA
452 mA
73
500uF
EC2SA-05S05N 4.5-9.0 VDC
5 VDC
0 mA
400 mA
60 mA
526 mA
76
400uF
EC2SA-05S12N 4.5-9.0 VDC
12 VDC
0 mA
167 mA
60 mA
501 mA
80
167uF
EC2SA-05S15N 4.5-9.0 VDC
15 VDC
0 mA
134 mA
60 mA
503 mA
80
134uF
EC2SA-05D05N 4.5-9.0 VDC
±5 VDC
±0 mA
±200 mA
60 mA
519 mA
77
200uF
EC2SA-05D12N 4.5-9.0 VDC
±12 VDC
±0 mA
±83 mA
60 mA
504 mA
79
83uF
EC2SA-05D15N 4.5-9.0 VDC
±15 VDC
±0 mA
±67 mA
60 mA
503 mA
80
67uF
EC2SA-12S33N
9-18 VDC
3.3 VDC
0 mA
500 mA
30 mA
181 mA
76
500uF
EC2SA-12S05N
9-18 VDC
5 VDC
0 mA
400 mA
30 mA
211 mA
79
400uF
EC2SA-12S12N
9-18 VDC
12 VDC
0 mA
167 mA
30 mA
204 mA
82
167uF
EC2SA-12S15N
9-18 VDC
15 VDC
0 mA
134 mA
30 mA
202 mA
83
134uF
EC2SA-12D05N
9-18 VDC
±5 VDC
±0 mA
±200 mA
30 mA
211 mA
79
200uF
EC2SA-12D12N
9-18 VDC
±12 VDC
±0 mA
±83 mA
30 mA
202 mA
82
83uF
EC2SA-12D15N
9-18 VDC
±15 VDC
±0 mA
±67 mA
30 mA
202 mA
83
67uF
EC2SA-24S33N 18-36 VDC
3.3 VDC
0 mA
500 mA
18 mA
90 mA
76
500uF
EC2SA-24S05N 18-36 VDC
5 VDC
0 mA
400 mA
18 mA
105 mA
79
400uF
EC2SA-24S12N 18-36 VDC
12 VDC
0 mA
167 mA
18 mA
102 mA
82
167uF
EC2SA-24S15N 18-36 VDC
15 VDC
0 mA
134 mA
18 mA
101 mA
83
134uF
EC2SA-24D05N 18-36 VDC
±5 VDC
±0 mA
±200 mA
18 mA
105 mA
79
200uF
EC2SA-24D12N 18-36 VDC
±12 VDC
±0 mA
±83 mA
18 mA
102 mA
81
83uF
EC2SA-24D15N 18-36 VDC
±15 VDC
±0 mA
±67 mA
18 mA
100 mA
84
67uF
EC2SA-48S33N 36-75 VDC
3.3 VDC
0 mA
500 mA
9 mA
46 mA
74
500uF
EC2SA-48S05N 36-75 VDC
5 VDC
0 mA
400 mA
9 mA
53 mA
79
400uF
EC2SA-48S12N 36-75 VDC
12 VDC
0 mA
167 mA
9 mA
51 mA
82
167uF
EC2SA-48S15N 36-75 VDC
15 VDC
0 mA
134 mA
9 mA
50 mA
84
134uF
EC2SA-48D05N 36-75 VDC
±5 VDC
±0 mA
±200 mA
9 mA
53 mA
78
200uF
EC2SA-48D12N 36-75 VDC
±12 VDC
±0 mA
±83 mA
9 mA
51 mA
82
83uF
EC2SA-48D15N 36-75 VDC
±15 VDC
±0 mA
±67 mA
9 mA
50 mA
84
67uF
NOTE: 1. Nominal Input Voltage 5, 12, 24 or 48VDC


Similar Part No. - EC2SA

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
logo
RSG Electronic Componen...
EC2SA-05D05 RSG-EC2SA-05D05 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
EC2SA-05D12 RSG-EC2SA-05D12 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
EC2SA-05D15 RSG-EC2SA-05D15 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
EC2SA-05S05 RSG-EC2SA-05S05 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
More results

Similar Description - EC2SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3B01 RSG-EC3B01 Datasheet
809Kb / 1P
7.5 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com