Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2SA Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC2SA
Description  2 WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC2SA Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC2SA Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC2SA Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V17
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ........……………....…........... 5V ........................... 4.5-9V
Efficiency ..............................................................…..……... See Table
12V .......................... 9-18V
Isolation Voltage ..........……………………....…..........…. 1500VDC min.
24V ........................ 18-36V
Isolation Resistance .........................…........................…. 10
9 ohm min.
48V ..………........... 36-75V
Isolation Capacitance ………………..……………………..…… 500pF typ.
Input Surge Voltage (100ms max.) ………….….… 5V …............... 15Vdc max.
Switching Frequency ......................….............……………... 100KHz min.
12V ................. 25Vdc max.
Operating Ambient Temperature …………………...
…
... -40℃ to +85℃
24V ................. 50Vdc max.
De-rating, Above 85℃ …………..……… Linearly to Zero power at 100℃
48V ............... 100Vdc max.
Case Temperature (note4) ………………………………….. 100℃ max.
Under Voltage Protection (note5):
Cooling ………………………………..…….…………. Natural Convection
5Vin Power Up …………………….....………..... 4.2Vdc max.
Storage Temperature …………………..….......……........ -55℃ to +125℃
Power Down …………………....……………. 3Vdc min.
Humidity .................................................. 95% RH max. Non condensing
12Vin Power Up ……….………………..……...... 7.3Vdc max.
MTBF ……MIL-HDBK-217F, GB, 25℃, Full Load ……… 2500Khrs typ.
Power Down ………………………..………. 5.8Vdc min.
Dimensions …………..… 0.86x0.36x0.44 inches(21.80x9.20x11.10 mm)
24Vin Power Up ………………………..……….... 15.5Vdc max.
Case Material ……………………………… Non-Conductive Black Plastic
Power Down …………………..……………. 12Vdc min.
Weight …….……………………………………….……………………... 4.8g
48Vin Power Up ………………………..………...... 31Vdc max.
NOTE:
Power Down ………………………..………. 24Vdc min.
1. For asymmetric loading both channels must be at 25% load or more.
Input Filter ………………………………………………..….………... Capacitive
2. Measured from high line to low line.
Remote on/off control (note6):
3. Measured from full load to 10% load.
Module Off (input idle current) ……..……… 1mA max.
4. Maximum case temperature under any operating condition should
OUTPUT SPECIFICATIONS:
not be exceeded 100℃.
Voltage Accuracy ............................................……….................. ±1.5% max.
5. Suffix “ N “ to the model with under voltage protection.
Voltage Balance(Dual) ………………………………….………….... ±1.0% max.
6. Suffix “ N “ Models: Module on …………. 0 to < 0.8VDC or open circuit
Cross regulation(Dual)(note1) .. Asymmetrical load 25%/100% ... ±5.0% max.
Module off ………..………..…………..4 to 15VDC
Transient Response: 25% Step Load Change
Other Models: Module on …….…. 0 to < 1.2VDC or open circuit
Error Band ……….………………….. ±6% Vout nominal
Module off………..………..……….. 5.5 to 15VDC
Recovery Time …………..……………….…….. < 500us
Ripple & Noise, 20MHz BW ……………..….……………..... 75mV pk-pk max.
Temperature Coefficient ....................……….......….............…..... ±0.03%/°C
Line Regulation (note2) .…….…………………..........................…. ±0.5% max.
Load Regulation (note3) ……..…....… Single …..........…............. ±0.5% max.
Dual …...……………….... ±1.0% max.
Output Short Circuit Protection ...............................................…. Continuous
Start up time ……………………………………….………………....…... 1mS typ.
CASE SIP-8:
Bottom View
PIN CONNECTION
Pin
Single
1
2
3
5
-Vin
+Vin
On/Off
NC
All Dimensions In Inches(mm)
X.XX±0.02
X.X±0.5
0.86 [21.8]
0.10 [2.5]
0.70 [17.8]
0.08 [2.0]
0.02 [0.5]
Pin
±0.002
±0.05
Tolerances : Inches
millimeters
Dual
6
7
8
+Vo
-Vo
NC
-Vin
+Vin
On/Off
NC
+Vo
Common
-Vo
1
2
3
5
6
7
8
Typical Derating curve for Natural Convection
-40
100
85
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com