Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW2N65A5-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW2N65A5-R
Description  2A 650V N-channel enhanced field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW2N65A5-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW2N65A5-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-CHANNEL MOSFET
2N65A
1 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
2A 650V N沟道增强型场效应管
主要参数:
ID
2A
VDSS
650V
RDSON-typ(@VGS=10V)
3.76Ω
性能特点:
开关速度快
低导通电阻
低反向传输电容
低栅极电荷量
100%单脉冲雪崩能量测试
提升了dv/dt能力
机械性能:
注塑成型封装
适用任何位置安装
封装材料符合UL 94V-0燃烧防火等级标准
加工焊接峰值最高温度 275°C ;时间丌大于 10s
封装形式: TO-220AB, TO-220F, TO-263, TO-252, TO-251
G.栅极 D.漏极 S.源极
产品规格分类:
产品料号
封装形式
产品印字
包装方式
YFW2N65A1
TO-220AB
2N65AT
50PCS每管
YFW2N65A2
TO-220F(0.5mm)
2N65AF
50PCS每管
YFW2N65A3
TO-263
2N65AS
50PCS每管
YFW2N65A3-R
TO-263
2N65AS
800PCS每盘
YFW2N65A4
TO-251
2N65AMJ
75PCS每管
YFW2N65A5-R
TO-252
2N65AD
2500PCS每盘


Similar Part No. - YFW2N65A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW2N60A4 YFWDIODE-YFW2N60A4 Datasheet
760Kb / 5P
2A 600V N-channel enhanced field effect transistor
YFW2N60A5-R YFWDIODE-YFW2N60A5-R Datasheet
760Kb / 5P
2A 600V N-channel enhanced field effect transistor
More results

Similar Description - YFW2N65A5-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2N60A YFWDIODE-2N60A Datasheet
760Kb / 5P
2A 600V N-channel enhanced field effect transistor
4N60A YFWDIODE-4N60A Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
5N40A YFWDIODE-5N40A Datasheet
799Kb / 5P
5A 400V N-channel enhanced field effect transistor
5N70A YFWDIODE-5N70A Datasheet
1Mb / 7P
5A 700V N-channel enhanced field effect transistor
7N80A YFWDIODE-7N80A Datasheet
938Kb / 6P
7A 800V N-channel enhanced field effect transistor
8N50A YFWDIODE-8N50A Datasheet
1Mb / 7P
8A 500V N-channel enhanced field effect transistor
12N60A YFWDIODE-12N60A Datasheet
885Kb / 5P
12A 600V N-channel enhanced field effect transistor
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
20A 600V N-channel enhanced field effect transistor
28N50A YFWDIODE-28N50A Datasheet
932Kb / 5P
28A 500V N-channel enhanced field effect transistor
45N50A YFWDIODE-45N50A Datasheet
889Kb / 5P
45A 500V N-channel enhanced field effect transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com