Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW2N65A5-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW2N65A5-R
Description  2A 650V N-channel enhanced field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW2N65A5-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW2N65A5-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2N65A5-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CHANNEL MOSFET
2N65A
2 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
极限参数:(除非特殊说明,TC=25°C)
参数名称
符号
参数范围
单位
220F
220/251/252
漏源电压
VDS
650
V
栅源电压
VGS
±30
V
漏极电流-持续
ID
2
A
漏极脉冲电流(注 1)
IDM
8
A
耗散功率
PD
25
35
W
单脉冲雪崩能量(注 1)
EAS
65
mJ
工作结温范围
TJ
150
°C
贮存温度范围
TSTG
-55 to +150
°C
芯片对管壳热阻
RθJC
5.24
3.57
°C/W
芯片对环境的热阻
RθJA
62.5
62.5
°C/W
电气参数:(除非特殊说明,TC=25°C)
参数名称
测试条件
符号
最小值
典型值
最大值
单位
漏源击穿电压
VGS = 0 V,ID = 250 μA
BVDSS
650
680
-
V
漏源击穿电流
VDS = 650 V, VGS = 0 V
IDSS
-
-
1
UA
栅源漏电流
VGS = ± 30 V, VDS = 0 V
IGSS
-
-
±100
nA
栅极开启电压
VDS = VGS , ID = 250 μA
VGS(th)
2
-
4
V
导通电阻
VGS = 10 V, ID = 1 A
RDS(on)
-
3.76
4.8
Ω
正向跨导
VDS = 15 V, ID = 2 A
gfs
-
2.5
-
S
输入电容
VGS = 0 V, VDS = 2 V,
f = 200KHz
Ciss
-
415
-
pF
输出电容
Coss
-
32
-
反向传输电容
Crss
-
6
-
开启延迟时间(注 2)
ID = 2 A, VDD = 325 V,
RG= 10Ω
td(ON)
-
8
-
nS
开启上升时间(注 2)
tr
-
6
-
关断延迟时间(注 2)
td(OFF)
-
30
-
关断下降时间(注 2)
tf
-
11
-
栅极电荷量(注 2)
ID = 2A, VDD = 520 V,
VGS = 10 V
QG
-
10.8
-
nC
栅极-源极电荷量(注 2)
QGS
-
1.5
-
棚极-漏极电荷量(注 2)
QGD
-
4
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com