Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW4N65A3-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW4N65A3-R
Description  4A 650V N-channel enhancement mode field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW4N65A3-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW4N65A3-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-CHANNEL MOSFET
4N65A
1 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
4A 650V N沟道增强型场效应管
主要参数:
ID
4A
VDSS
650V
RDSON-typ(@VGS=10V)
2.5Ω
性能特点:
开关速度快
低导通电阻
低反向传输电容
低栅极电荷量
100%单脉冲雪崩能量测试
提升了dv/dt能力
机械性能:
注塑成型封装
适用任何位置安装
封装材料符合UL 94V-0燃烧防火等级标准
加工焊接峰值最高温度 275°C ;时间丌大于 10s
封装形式: TO-220AB, TO-220F, TO-263, TO-252, TO-251
G.栅极 D.漏极 S.源极
产品规格分类:
产品料号
封装形式
产品印字
包装方式
YFW4N65A1
TO-220AB
4N65AT
50PCS每管
YFW4N65A2
TO-220F(0.5mm)
4N65AF
50PCS每管
YFW4N65A3
TO-263
4N65AS
50PCS每管
YFW4N65A3-R
TO-263
4N65AS
800PCS每盘
YFW4N65A4
TO-251
4N65AMJ
75PCS每管
YFW4N65A5-R
TO-252
4N65AD
2500PCS每盘


Similar Part No. - YFW4N65A3-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW4N60A1 YFWDIODE-YFW4N60A1 Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
YFW4N60A2 YFWDIODE-YFW4N60A2 Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
YFW4N60A3 YFWDIODE-YFW4N60A3 Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
YFW4N60A3-R YFWDIODE-YFW4N60A3-R Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
YFW4N60A4 YFWDIODE-YFW4N60A4 Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
More results

Similar Description - YFW4N65A3-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5N65A YFWDIODE-5N65A Datasheet
1,009Kb / 7P
5A 650V N-channel enhancement mode field effect transistor
6N65A YFWDIODE-6N65A Datasheet
1Mb / 7P
6A 650V N-channel enhancement mode field effect transistor
7N65A YFWDIODE-7N65A Datasheet
1Mb / 7P
7A 650V N-channel enhancement mode field effect transistor
8N65A YFWDIODE-8N65A Datasheet
997Kb / 7P
8A 650V N-channel enhancement mode field effect transistor
9N65A YFWDIODE-9N65A Datasheet
961Kb / 6P
9A 650V N-channel enhancement mode field effect transistor
10N65A YFWDIODE-10N65A Datasheet
984Kb / 6P
10A 650V N-channel enhancement mode field effect transistor
10N65B YFWDIODE-10N65B Datasheet
985Kb / 6P
10A 650V N-channel enhancement mode field effect transistor
12N65A YFWDIODE-12N65A Datasheet
865Kb / 5P
12A 650V N-channel enhancement mode field effect transistor
13N65A YFWDIODE-13N65A Datasheet
685Kb / 5P
13A 650V N-channel enhancement mode field effect transistor
16N65A YFWDIODE-16N65A Datasheet
940Kb / 6P
16A 650V N-channel enhancement mode field effect transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com