Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW4N65A3-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW4N65A3-R
Description  4A 650V N-channel enhancement mode field effect transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW4N65A3-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW4N65A3-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4N65A3-R Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CHANNEL MOSFET
4N65A
2 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
极限参数:(除非特殊说明,TC=25°C)
参数名称
符号
参数范围
单位
220AB/263
220F
251/252
漏源电压
VDS
650
V
栅源电压
VGS
±30
V
漏极电流-持续(TC=25°C)
ID
4
A
-持续(TC=100°C)
2.6
漏极脉冲电流(注 1)
IDM
16
A
耗散功率(TC=25°C)-
PD
75
33
51
W
-大于25°C每摄氏度减少
0.62
0.26
0.39
W/°C
单脉冲雪崩能量(注 2)
EAS
220
mJ
雪崩电流(注 1)
IAR
4
A
重复雪崩电压(注 1)
EAR
10
mJ
工作结温范围
TJ
150
°C
贮存温度范围
TSTG
-55 to +150
°C
芯片对管壳热阻
RθJC
1.26
3.94
2.5
°C/W
芯片对环境的热阻
RθJA
62.5
62.5
83
°C/W
电气参数:(除非特殊说明,TC=25°C)
参数名称
测试条件
符号
最小值
典型值
最大值
单位
漏源击穿电压
VGS = 0 V,ID = 250 μA
BVDSS
650
-
-
V
漏源击穿电流
VDS = 650 V, VGS = 0 V
IDSS
-
-
1
UA
VDS = 520 V, Tc =125
°C
-
-
10
栅源漏电流
VGS = ± 30 V, VDS = 0 V
IGSS
-
-
±100
nA
栅极开启电压
VDS = VGS , ID = 250 μA
VGS(th)
2
-
4
V
导通电阻
VGS = 10 V, ID = 2 A
RDS(on)
-
2.5
2.8
Ω
正向跨导(注 3)
VDS = 40 V, ID = 2 A
gfs
-
3.5
-
S
输入电容
VGS = 0 V, VDS = 25 V,
f = 1MHz
Ciss
-
550
-
pF
输出电容
Coss
-
53
-
反向传输电容
Crss
-
4
-
开启延迟时间
ID = 4A, VDD = 325 V,
RG= 25Ω(注3,4)
td(ON)
-
14
-
nS
开启上升时间
tr
-
16
-
关断延迟时间
td(OFF)
-
32
-
关断下降时间
tf
-
11
-
栅极电荷量
ID = 4 A, VDD = 520 V,
VGS = 10 V(注3,4)
QG
-
15
-
nC
栅极-源极电荷量
QGS
-
3
-
棚极-漏极电荷量
QGD
-
7
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com