Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT151D Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT151D
Description  8-INPUT DATA SELECTOR/MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT151D Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT151D Datasheet HTML 1Page - Integral Corp. IN74ACT151D Datasheet HTML 2Page - Integral Corp. IN74ACT151D Datasheet HTML 3Page - Integral Corp. IN74ACT151D Datasheet HTML 4Page - Integral Corp. IN74ACT151D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT151
1
8-INPUT DATA SELECTOR/MULTIPLEXER
High-Speed Silicon-Gate CMOS
The IN74ACT151 is identical in pinout to the LS/ALS151,
HC/HCT151. The IN74ACT151 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS
inputs.
The device selects one of the eight binary Data Inputs, as
determined by the Address Inputs. The Strobe pin must be at a
low level for the selected data to appear at the outputs. If Strobe
is high, the Y output is forced to a low level and the Y output is
forced to a high level.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT151N Plastic
IN74ACT151D SOIC
TA = -40° to 85° C for all
packages
FUNCTION TABLE
Inputs
Outputs
A2 A1
A0
Strobe
Y
Y
X
X
X
H
L
H
L
L
L
L
D0
0
D
L
L
H
L
D1
1
D
L
H
L
L
D2
2
D
L
H
H
L
D3
3
D
H
L
L
L
D4
4
D
H
L
H
L
D5
5
D
H
H
L
L
D6
6
D
H
H
H
L
D7
7
D
D0,D1...D7=the level of the
respective D input
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - IN74ACT151D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT151D IKSEMICON-IN74ACT151D Datasheet
208Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT151D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com