Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SB Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3SB
Description  15 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SB Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3SB Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SB Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V18
1
︳
EC3SB SERIES
15 WATT 2:1 INPUT
DC-DC CONVERTERS
FEATURES
* 15W Isolated Output
* Efficiency to 90%
* 2:1 Input Rang
* Regulated Outputs
* Fixed Switching Frequency
* Input Under Voltage Protection
* Over Current Protection
* Remote On/Off
* Continuous Short Circuit Protection
* Without Tantalum Capacitors Inside
* CE Mark Meets 2004/108/EC
* Safety Meets UL60950-1, EN60950-1, and IEC60950-1
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC3SB-12S33
9-18 VDC
3.3 VDC
0 mA
4000 mA
90 mA
1280 mA
85
4000uF
EC3SB-12S05
9-18 VDC
5 VDC
0 mA
3000 mA
85 mA
1453 mA
88
3000uF
EC3SB-12S12
9-18 VDC
12 VDC
0 mA
1250 mA
70 mA
1420 mA
88
1330uF
EC3SB-12S15
9-18 VDC
15 VDC
0 mA
1000 mA
70 mA
1420 mA
88
1000uF
EC3SB-12D05
9-18 VDC
±5 VDC
0 mA
±1500 mA
45 mA
1470 mA
85
1470uF
EC3SB-12D12
9-18 VDC
±12 VDC
0 mA
±625 mA
45 mA
1436 mA
87
660uF
EC3SB-12D15
9-18 VDC
±15 VDC
0 mA
±500 mA
45 mA
1420 mA
88
550uF
EC3SB-24S33
18-36 VDC
3.3 VDC
0 mA
4000 mA
50 mA
640 mA
86
4000uF
EC3SB-24S05
18-36 VDC
5 VDC
0 mA
3000 mA
50 mA
718 mA
89
3000uF
EC3SB-24S12
18-36 VDC
12 VDC
0 mA
1250 mA
20 mA
695 mA
90
1330uF
EC3SB-24S15
18-36 VDC
15 VDC
0 mA
1000 mA
20 mA
695 mA
90
1000uF
EC3SB-24D05
18-36 VDC
±5 VDC
0 mA
±1500 mA
25 mA
726 mA
86
1470uF
EC3SB-24D12
18-36 VDC
±12 VDC
0 mA
±625 mA
25 mA
710 mA
88
660uF
EC3SB-24D15
18-36 VDC
±15 VDC
0 mA
±500 mA
25 mA
702 mA
89
550uF
EC3SB-48S33
36-75 VDC
3.3 VDC
0 mA
4000 mA
25 mA
320 mA
86
4000uF
EC3SB-48S05
36-75 VDC
5 VDC
0 mA
3000 mA
30 mA
359 mA
88
3000uF
EC3SB-48S12
36-75 VDC
12 VDC
0 mA
1250 mA
20 mA
347 mA
90
1330uF
EC3SB-48S15
36-75 VDC
15 VDC
0 mA
1000 mA
20 mA
351 mA
90
1000uF
EC3SB-48D05
36-75 VDC
±5 VDC
0 mA
±1500 mA
20 mA
363 mA
86
1470uF
EC3SB-48D12
36-75 VDC
±12 VDC
0 mA
±625 mA
20 mA
355 mA
88
660uF
EC3SB-48D15
36-75 VDC
±15 VDC
0 mA
±500 mA
20 mA
351 mA
89
550uF


Similar Part No. - EC3SB

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW-24D05 CINCON-EC3SBW-24D05 Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW-24D12 CINCON-EC3SBW-24D12 Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW-24D15 CINCON-EC3SBW-24D15 Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW-24S05 CINCON-EC3SBW-24S05 Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC3SB

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BU CINCON-EC5BU Datasheet
173Kb / 2P
15 WATT 2:1 INPUT DC-DC CONVERTERS
EC5C CINCON-EC5C Datasheet
210Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com