Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SB Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3SB
Description  15 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SB Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3SB Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SB Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V18
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 12V ….............. 9 - 18V
Efficiency ...........................................………..………............ See Table
24V ….…….... 18 – 36V
Isolation Voltage .................................……..………......... 1500 VDC min.
48V ….…….... 36 – 75V
Isolation Resistance .....................…….………….……… 10
9 ohm min.
Under voltage lockout ……….…. 12Vin power up: 8.8V ……. power down: 8V
Isolation Capacitance …………………..………………..…… 1000pF typ.
24Vin power up: 17V ..... power down: 16V
Switching Frequency ............................……...................... 350KHz typ.
48Vin power up: 34V …. power down: 32V
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
Input Surge Voltage (100mS max.) … EC3SB-12Sxx/12DXX …... 25Vdc max.
Derating, Above 71
……………..…. Linearly to Zero Power at +10
℃
5℃
EC3SB-24Sxx/24DXX .…. 50Vdc max.
Case Temperature (note 4) ………………………………………….. 105℃
EC3SB-48Sxx/48DXX … 100Vdc max.
Cooling ………………………………………………… Natural Convection
Input Filter ……………………………… Standard .……………………. PI Type
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
SMD …………………….… LC Type
Humidity ……………………………..…… 95% RH max. Non condensing
Positive Logic Remote on/off Control:
MTBF …… MIL-STD-217-F, GB, 25℃, Full Load …….… 1200Khrs typ.
Logic Compatibility …………………….. CMOS or Open Collector TTL
Dimensions ...... DIP ......….. 1.00x1.00x0.4 inches (25.4x25.4x10.2 mm)
Module On ……………………………… >+5.5V to 75VDC or Open Circuit
SMD … 1.00x1.00x0.36 inches (25.4 x 25.4 x 9.2 mm)
Module Off ……………………………..…………….……………. <1.2VDC
Case Material ……..… Black Coated Copper with Non-Conductive Base
OUTPUT SPECIFICATIONS:
Weight …………………………………………………………………. 18g
Voltage Accuracy ………………....……………….......…………… ±1.5% max.
NOTE:
Voltage Balance (Dual) …….…………………………………….…. ±2.0% max.
1. Measured from high line to low line.
Transient Response: 25% Step Load Change ............…............…… <500us
2. Measured from full load to min. load.
Ripple and Noise, 20MHz BW (note 3) ………………..…… 50mV pk-pk max.
3. The output ripple and noise is measured with 10uF tantalum and 1uF
SMD ……………….....…... 120mV pk-pk max.
ceramic capacitor across output.
Temperature Coefficient ....................….………...………...……….. ±0.03%/℃
4. Maximum case temperature under any operating condition should
Short Circuit Protection ...................…....…………………..……….. Continuous
not be exceeded 105℃.
Line Regulation (note 1) ..…... Single ….. DIP±0.2% max., SMD±0.3% max.
5. Suffix ”S” to the model number with SMD packages.
Dual ….………………………..… ±0.5% max.
Load Regulation (note 2)…...... Single …... DIP±0.2% max., SMD±0.5% max.
Dual …….................................... ±1.0% max.
Cross Regulation (Dual output) Load cross variation 10%/100% …. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
External Trim Adj. Range ………………………………….…..………….. ±10%
Current Limit ……………………………………. 110% - 140% Nominal Output
Start up time ………………………………..…………………..……… 20ms max.
SIZE SB Dimensions:
BOTTOM
VIEW
1
2
5
4
3
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Trim
-V Output
Function
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min.
Tolerances Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches (mm)
6
0.300
[7.62]
6
Remote
TOP
VIEW
0.100
[2.54]
0.40
[10.2]
1.00
[25.4]
1.00
[25.4]
0.800
[20.32]
1
2
6
3
4
5
2-0.400
[10.16]
0.015
[0.38]
0.055
[1.40]
0.110
[2.79]
0.020
[0.51]
1.22
[30.99]
0.10
[2.54]
0.36
[9.2]
Single
Dual
+Input
-Input
+V Output
Common
-V Output
Remote
THROUGH-HOLE PACKAGE
SMD- PACKAGE
NOTE:Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Typical Derating curve for Natural Convection
-40
105
71
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
oC)
Natural Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com