Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SCW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3SCW
Description  20-30 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SCW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3SCW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SCW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V21
1
︳
EC3SCW SERIES
20-30 WATT 4:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURE
* 20-30W Isolated Output
* 2”X1.6” Six-Sided Shield Metal Case
* High Efficiency Up to 91%
* Fixed 300KHz Switching Frequency
* 4 : 1 Wide Input Range
* Regulated Outputs
* Continuous Short Circuit Protection
* Industry Standard Pin-Out
* CE Mark Meets 2004/108/EC
* Safety Meets UL60950-1, EN60950-1 and IEC60950-1
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC3SCW-24S3V3
9-36 VDC
3.3VDC
0 mA
7500 mA
50 mA
1172 mA
88
7500uF
EC3SCW-24S05
9-36 VDC
5 VDC
0 mA
6000 mA
60 mA
1404 mA
89
6000uF
EC3SCW-24S12
9-36 VDC
12 VDC
0 mA
2500 mA
80 mA
1374 mA
91
2500uF
EC3SCW-24S15
9-36 VDC
15 VDC
0 mA
2000 mA
50 mA
1374 mA
91
2000uF
EC3SCW-48S3V3
18-75 VDC
3.3VDC
0 mA
7500 mA
30 mA
586 mA
88
7500uF
EC3SCW-48S05
18-75 VDC
5 VDC
0 mA
6000 mA
30 mA
694 mA
90
6000uF
EC3SCW-48S12
18-75 VDC
12 VDC
0 mA
2500 mA
40 mA
687 mA
91
2500uF
EC3SCW-48S15
18-75 VDC
15 VDC
0 mA
2000 mA
50 mA
687 mA
91
2000uF
NOTE: 1. Nominal Input Voltage 24, 48VDC


Similar Part No. - EC3SCW

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
logo
CINCON ELECTRONICS Corp...
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC3SA-05D05 RSG-EC3SA-05D05 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SA-05D05N CINCON-EC3SA-05D05N Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC3SA-05D12 RSG-EC3SA-05D12 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
More results

Similar Description - EC3SCW

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC4SBW CINCON-EC4SBW Datasheet
287Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-110 CINCON-EC7BW-110 Datasheet
212Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com