Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SCW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3SCW
Description  20-30 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SCW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3SCW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SCW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V21
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range ....……………..........….......... 24V ......................... 9-36V
Efficiency ..............................................................…..……... See Table
48V ...................... 18-75V
Isolation Voltage ..........….. Input/Output ....……..…. 1500VDC min.
Input Surge Voltage (100ms max.) ……….…....… 24V …............ 50Vdc max.
Isolation Resistance ...........................…...................……. 10
8 ohm min.
48V ............. 100Vdc max.
Isolation Capacitance …………………..…………………..… 1000pF typ.
Under Voltage Lockout ………..….. 24Vin power up ….…...…..……. 8.8V typ.
Switching Frequency ................... 24Vin ................…….... 300KHz typ.
24Vin power down ……..……. 8.0V typ.
48Vin ..…...........…….... 250KHz typ.
48Vin power up ……...…….….. 17V typ.
Operating Ambient Temperature …………………...…... -40℃ to +85℃
48Vin power down ……..……... 16V typ.
De-rating, Above 60℃ ………………… Linearly to Zero power at 100℃
Positive Logic Remote On/Off (note3&4)
Case Temperature (note5) ………………………………….. 100℃ max.
Input Filter ………………………………………………..….……... Pi Type
Cooling ………………………………………………… Natural Convection
OUTPUT SPECIFICATIONS:
Storage Temperature ……………...….......………....... -55℃ to +125℃
Voltage Accuracy: .............................................……….......... ±1.5% max.
Humidity ................................................. 95% RH max. Non condensing
Transient Response: 75% - 100% Step Load Change
MTBF ………. MIL-STD-217F, GB, 25
, Full Load
℃
…… 650Khrs typ.
Error Band …………………...…………..……….. ±5% Vout nominal
Thermal Shutdown Case Temp. .………….....................……. 110℃ typ.
Recovery Time ………………………………………….…….. < 300µs
Dimensions ....................... 2.00×1.60x0.40 inches (50.8x40.6×10.2 mm)
External Adjustment Range, %Vo ……………………….…………...... ±10%
Case Material …….… Black Coated Copper with Non-Conductive Base
Ripple & Noise, 20MHz BW ( Measured with 0.1uF MLCC )
Weight …………………………………………………………………… 50g
3.3V & 5V ………..…..……..…. 20mV RMS max. 75mV pk-pk max.
NOTE :
12V & 15V ……………...….… 20mV RMS max. 100mV pk-pk max.
1. Measured from high line to low line.
Temperature Coefficient ....................……….....….......…..... ±0.02%/°C
2. Measured from full load to 10% load.
Line Regulation (note1) .….….….....................................…. ±0.5% max.
3. Logic compatibility …. CMOS or open collector TTL, ref. to -Vin
Load Regulation (note2) …………………..…................…...... ±0.5% max.
Module on ………….……… >3.5VDC to 75VDC or open circuit
Output Over voltage Protection ( Zener or TVS Clamp)
Module off ……..………………………………….……. <1.2VDC
3.3V ……………….....……………..……………………...………….. 3.9V
4. Suffix "N" to the model number with negative logic remote on/off
5V …………………...……………………..……………..………….. 6.2V
Module on …………..………………………..………... <1.2VDC
12V ……………….....………………..…………….………………….. 15V
Module off …………..…….. >3.5VDC to 75VDC or open circuit
15V ……………….....………………………………..…………..……. 18V
5. Maximum case temperature under any operating condition should
Output Current Limit, % Nominal Output .....................………….. 110%-150%
not be exceeded 100℃.
Output Short Circuit Protection ......……..……..…. Continuous (Hiccup Mode)
Start up time …………………………………….………………..…... 8ms typ.
Case SC Dimensions:
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
B O T T O M V I E W
4
3
1
M illim eters: X.X= ±1.0 , X.XX=±0.25
8
7
6
5
All D im ensions In Inches(m m )
4
+V Input
N o Pin
7
+VO utput
8
5
6
Trim
-V Output
Function
On/Off C ontrol
PIN C O NN EC TIO NS
Pin
1
3
-V Input
N O TE: Pin Size is 0.04±0.004 Inch (1.0±0.1m m )DIA
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Typical Derating curve for Natural Convect ion
100
-40
60
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com