Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4BU Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4BU
Description  10 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4BU Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4BU Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4BU Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V25
1
︳
EC4BU SERIES
10 WATT 2:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 10W Isolated Output
* Efficiency to 87%
* 2:1 Input Range
* Regulated Outputs
* Fixed Switching Frequency
* Input Under Voltage Protection
* Over Current Protection
* Conductive EMI Meets EN55022 Class A
* Continuous Short Circuit Protection
* Without Tantalum Capacitors Inside
* CE Mark Meets 2004/108/EC
* Safety Meets UL60950-1, EN60950-1 and IEC60950-1
NOTE: 1. Nominal Input Voltage 5, 12, 24 or 48 VDC
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC4BU-05S33
4.7-9 VDC
3.3 VDC
0 mA
2500 mA
120 mA
1897 mA
87
2470uF
EC4BU-05S05
4.7-9 VDC
5 VDC
0 mA
2000 mA
120 mA
2299 mA
87
2000uF
EC4BU-05S12
4.7-9 VDC
12 VDC
0 mA
833 mA
50 mA
2298 mA
87
940uF
EC4BU-05S15
4.7-9 VDC
15 VDC
0 mA
666 mA
50 mA
2297 mA
87
690uF
EC4BU-05D05
4.7-9 VDC
±5 VDC
0 mA
±1000 mA
50 mA
2353 mA
85
1000uF
EC4BU-05D12
4.7-9 VDC
±12 VDC
0 mA
±416 mA
50 mA
2295 mA
87
440uF
EC4BU-05D15
4.7-9 VDC
±15 VDC
0 mA
±333 mA
50 mA
2297 mA
87
330uF
EC4BU-12S33
9-18 VDC
3.3 VDC
0 mA
2500 mA
30 mA
838 mA
82
2470uF
EC4BU-12S05
9-18 VDC
5 VDC
0 mA
2000 mA
30 mA
980 mA
85
2000uF
EC4BU-12S12
9-18 VDC
12 VDC
0 mA
833 mA
35 mA
957 mA
87
940uF
EC4BU-12S15
9-18 VDC
15 VDC
0 mA
666 mA
35 mA
956 mA
87
690uF
EC4BU-12D05
9-18 VDC
±5 VDC
0 mA
±1000 mA
45 mA
980 mA
85
1000uF
EC4BU-12D12
9-18 VDC
±12 VDC
0 mA
±416 mA
45 mA
957 mA
87
440uF
EC4BU-12D15
9-18 VDC
±15 VDC
0 mA
±333 mA
45 mA
957 mA
87
330uF
EC4BU-24S33
18-36 VDC
3.3 VDC
0 mA
2500 mA
25 mA
419 mA
82
2470uF
EC4BU-24S05
18-36 VDC
5 VDC
0 mA
2000 mA
25 mA
490 mA
85
2000uF
EC4BU-24S12
18-36 VDC
12 VDC
0 mA
833 mA
25 mA
478 mA
87
940uF
EC4BU-24S15
18-36 VDC
15 VDC
0 mA
666 mA
25 mA
478 mA
87
690uF
EC4BU-24D05
18-36 VDC
±5 VDC
0 mA
±1000 mA
25 mA
490 mA
85
1000uF
EC4BU-24D12
18-36 VDC
±12 VDC
0 mA
±416 mA
25 mA
478 mA
87
440uF
EC4BU-24D15
18-36 VDC
±15 VDC
0 mA
±333 mA
25 mA
478 mA
87
330uF
EC4BU-48S33
36-75 VDC
3.3 VDC
0 mA
2500 mA
20 mA
212 mA
81
2470uF
EC4BU-48S05
36-75 VDC
5 VDC
0 mA
2000 mA
20 mA
245 mA
85
2000uF
EC4BU-48S12
36-75 VDC
12 VDC
0 mA
833 mA
20 mA
239 mA
87
940uF
EC4BU-48S15
36-75 VDC
15 VDC
0 mA
666 mA
20 mA
239 mA
87
690uF
EC4BU-48D05
36-75 VDC
±5 VDC
0 mA
±1000 mA
20 mA
245 mA
85
1000uF
EC4BU-48D12
36-75 VDC
±12 VDC
0 mA
±416 mA
20 mA
239 mA
87
440uF
EC4BU-48D15
36-75 VDC
±15 VDC
0 mA
±333 mA
20 mA
239 mA
87
330uF


Similar Part No. - EC4BU

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE01 CINCON-EC4BE01 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE02 CINCON-EC4BE02 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE03 CINCON-EC4BE03 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE04 CINCON-EC4BE04 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC4BU

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC4-8S123.3 TRUMPOWER-TC4-8S123.3 Datasheet
29Kb / 1P
DC/DC CONVERTERS 2:1 Input, 10 Watt
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
List of Unclassifed Man...
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
10 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC2SBW CINCON-EC2SBW Datasheet
198Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110S33 CINCON-EC6AW-110S33 Datasheet
226Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
750 WATT 2:1 INPUT DC-DC CONVERTERS
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
300 WATT 2:1 INPUT DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com