Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4BU Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4BU
Description  10 WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4BU Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4BU Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4BU Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V25
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 5V .................. 4.7 - 9V
Efficiency ...........................................………..………............ See Table
12V .................. 9 - 18V
Isolation Voltage .................................……..…………...... 1500 VDC min.
24V …….….... 18 – 36V
Isolation Resistance .....................…….…………….…..… 10
9 ohm min.
48V …….….... 36 – 75V
Isolation Capacitance …………………..………………..…… 1000pF typ.
Under Voltage Lockout ………... 5Vin power up: 4.4V ….. power down: 4.2V
Switching Frequency ............................……......................... 350KHz typ.
12Vin power up: 8.4V ….. power down: 8V
EMI/RFI ……….……..…….…. Conductive EMI Meets EN55022 Class A
24Vin power up: 17V …... power down: 16V
Case Grounding ………. Connect Case to -Vin with Decoupling Y Cap.
48Vin power up: 34V …... power down: 32V
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
Input Surge Voltage (100mS max.) …... 5Vin …………………….. 12Vdc max.
Derating, Above 85
…
℃
.…………..…. Linearly to Zero Power at +105℃
12Vin …………………... 25Vdc max.
Case Temperature (Note 4) ………………………………………….. 105℃
24Vin …………………... 50Vdc max.
Cooling ………………………………………………… Natural Convection
48Vin ………………... 100Vdc max.
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
Input Filter ………………………………..……….………....……………. Pi Type
Humidity ……………………………..…… 95% RH max. Non condensing
OUTPUT SPECIFICATIONS:
MTBF …… MIL-STD-217-F, GB, 25℃, Full Load ……....…… 1200Khrs
Voltage Accuracy ………………....….………….........…………… ±1.5% max.
Dimensions ......................... 2.00x1.00x0.4 inches (50.8x25.4x10.2 mm)
Voltage Balance (Dual) …….……………………..…………..….…. ±2.0% max.
Case Material ……… Black Coated Copper with Non-Conductive Base
Transient Response: 25% Step Load Change ..................….....……… <500µs
Weight …………………………………………………………………. 35g
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC) .......… 100mV pk-pk max.
NOTE:
Temperature Coefficient ....................….........………...…..……….. ±0.03%/℃
1. Measured from high line to low line.
Short Circuit Protection ...................…....…………………..……….. Continuous
2. Measured from full load to min. load.
Line Regulation (note1) ..……..……….…... Single ……….….. ±0.2% max.
3. Maximum case temperature under any operating condition should
Dual …....….....… ±0.5% max.
Not be exceeded 105℃.
Load Regulation (note2) …….……………... Single ….............. ±0.2% max.
Dual ……........… ±1.0% max.
Cross Regulation (Dual output) Load cross variation 10%/100% …. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
Current Limit ……………………………………. 110% - 140% Nominal Output
Start up time …………………………………………………..……… 20ms max.
OPTION:
1. Suffix ”T” to the model number with remote positive on/off control:
Logic Compatibility ….. CMOS or open collector TTL, referenced to -Vin
Module on ……………….……..……… >5.5VDC to 75VDC or open circuit
Module off ……………………………………………….…………. <1.2VDC
2. Suffix “A” to the model number with output voltage adjustable
external trim adj. range≦±10%, single output models only.
CASE B Dimensions:
BOTTOM
VIEW
1
2
5
4
3
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Common/NP/Trim(Option)
-V Output
Function
*NP-NO PIN ON SINGLE OUTPUT
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
All Dimensions In Inches (mm)
6
0.300
[7.62]
6
NP/Remote(Option)
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
Typical Derating curve for Natural Convection
85
-40
81
105
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(℃)
OTHERS
XXS33,S05,D05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com