Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS194 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS194
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS194 Datasheet(HTML) 2 Page - ON Semiconductor

  74LS194 Datasheet HTML 1Page - ON Semiconductor 74LS194 Datasheet HTML 2Page - ON Semiconductor 74LS194 Datasheet HTML 3Page - ON Semiconductor 74LS194 Datasheet HTML 4Page - ON Semiconductor 74LS194 Datasheet HTML 5Page - ON Semiconductor 74LS194 Datasheet HTML 6Page - ON Semiconductor 74LS194 Datasheet HTML 7Page - ON Semiconductor 74LS194 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS194A
http://onsemi.com
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Mode Control Inputs
Parallel Data Inputs
Serial (Shift Right) Data Input
Serial (Shift Left) Data Input
Clock (Active HIGH Going Edge) Input
Master Reset (Active LOW) Input
Parallel Outputs
S0, S1
P0 – P3
DSR
DSL
CP
MR
Q0 – Q3
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
14
13
12
11
10
9
1234
5
6
7
16
15
8
VCC
MR
Q0
Q1
Q2
Q3
S1
CP
S0
DSR
P0
P1
P2
P3
DSL GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com