Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS194 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LS194
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS194 Datasheet(HTML) 4 Page - ON Semiconductor

  74LS194 Datasheet HTML 1Page - ON Semiconductor 74LS194 Datasheet HTML 2Page - ON Semiconductor 74LS194 Datasheet HTML 3Page - ON Semiconductor 74LS194 Datasheet HTML 4Page - ON Semiconductor 74LS194 Datasheet HTML 5Page - ON Semiconductor 74LS194 Datasheet HTML 6Page - ON Semiconductor 74LS194 Datasheet HTML 7Page - ON Semiconductor 74LS194 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS194A
http://onsemi.com
4
MODE SELECT — TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
MR
S1
S0
DSR
DSL
Pn
Q0
Q1
Q2
Q3
Reset
L
X
X
X
X
X
L
L
L
L
Hold
H
I
I
X
X
X
q0
q1
q2
q3
Shift Left
H
h
I
X
I
X
q1
q2
q3
L
H
h
I
X
h
X
q1
q2
q3
H
Shift Right
H
I
h
I
X
X
L
q0
q1
q2
H
I
h
h
X
X
H
q0
q1
q2
Parallel Load
H
h
h
X
X
Pn
P0
P1
P2
P3
L = LOW Voltage Level
H = HIGH Voltage Level
X = Don’t Care
I = LOW voltage level one set-up time prior to the LOW to HIGH clock transition
h = HIGH voltage level one set-up time prior to the LOW to HIGH clock transition
pn (qn) = Lower case letters indicate the state of the referenced input (or output) one set-up time prior to the LOW to HIGH clock transition.
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
– 100
mA
VCC = MAX
ICC
Power Supply Current
23
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
36
MHz
tPLH
tPHL
Propagation Delay,
Clock to Output
14
17
22
26
ns
VCC = 5.0 V
CL = 15 pF
tPHL
Propagation Delay,
MR to Output
19
30
ns
CL
15 F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com