Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7C Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC7C
Description  40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7C Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC7C Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7C Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V20
1
︳
EC7C SERIES
40 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 40W Isolated Output
* 2” X 2” Six-Sided Shield Metal Case
* High Efficiency Up to 93%
* Fixed 350KHz Switching Frequency
* 2 : 1 Input Range
* Regulated Outputs
* Continuous Short Circuit Protection
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD FULL LOAD
% EFF.
Capacitor
Load max.
EC7C-12S25
9 -18 VDC
2.5 VDC
0 mA
10000mA
200 mA
2354 mA
88.5
10000uF
EC7C-12S33
9 -18 VDC
3.3 VDC
0 mA
10000mA
200 mA
3090 mA
89
10000uF
EC7C-12S05
9 -18 VDC
5 VDC
0 mA
8000mA
200 mA
3683 mA
90.5
8000uF
EC7C-12S12
9 -18 VDC
12 VDC
0 mA
3333mA
200 mA
3643 mA
91.5
3300uF
EC7C-12S15
9 -18 VDC
15 VDC
0 mA
2666mA
200 mA
3642 mA
91.5
2700uF
EC7C-12D12
9 -18 VDC
±12 VDC
90 mA
±1800mA
100 mA
4022 mA
89.5
1800uF
EC7C-12D15
9 -18 VDC
±15 VDC
70 mA
±1400mA
100 mA
3867 mA
90.5
1400uF
EC7C-12D3305
9 -18 VDC 3.3/5.0 VDC
0 mA
10A/7.5A
100 mA
3727 mA
89
(3)
7270uF/7270uF
EC7C-12T3312
9 -18 VDC 3.3/±12 VDC
0.6A/±40 mA
6A/±0.4A
200 mA
2768 mA
88.5
6000uF/400uF
EC7C-12T3315
9 -18 VDC 3.3/±15 VDC
0.6A/±30 mA
6A/±0.3A
200 mA
2712 mA
88.5
6000uF/330uF
EC7C-12T0512
9 -18 VDC 5.0/±12 VDC
0.6A/±40 mA
6A/±0.4A
200 mA
3729 mA
88.5
6000uF/400uF
EC7C-12T0515
9 -18 VDC 5.0/±15 VDC
0.6A/±30 mA
6A/±0.3A
200 mA
3611 mA
90
6000uF/330uF
EC7C-24S25
18 – 36 VDC
2.5 VDC
0 mA
10000mA
100 mA
1157 mA
90
10000uF
EC7C-24S33
18 – 36 VDC
3.3 VDC
0 mA
10000mA
100 mA
1519 mA
90.5
10000uF
EC7C-24S05
18 – 36 VDC
5 VDC
0 mA
8000mA
110 mA
1812 mA
92
8000uF
EC7C-24S12
18 – 36 VDC
12 VDC
0 mA
3333mA
100 mA
1792 mA
93
3300uF
EC7C-24S15
18 – 36 VDC
15 VDC
0 mA
2666mA
100mA
1792 mA
93
2700uF
EC7C-24D12
18 – 36 VDC
±12 VDC
90 mA
±1800mA
100 mA
1967 mA
91.5
1800uF
EC7C-24D15
18 – 36 VDC
±15 VDC
70 mA
±1400mA
100 mA
1902 mA
92
1400uF
EC7C-24D3305 18 – 36 VDC 3.3/5.0 VDC
0 mA
10A/7.5A
50 mA
1843 mA
90
(3)
7270uF/7270uF
EC7C-24T3312
18 – 36 VDC 3.3/±12 VDC
0.6A/±40 mA
6A/±0.4A
100 mA
1361 mA
90
6000uF/400uF
EC7C-24T3315
18 – 36 VDC 3.3/±15 VDC
0.6A/±30 mA
6A/±0.3A
100 mA
1333 mA
90
6000uF/330uF
EC7C-24T0512
18 – 36 VDC 5.0/±12 VDC
0.6A/±40 mA
6A/±0.4A
100 mA
1813 mA
91
6000uF/400uF
EC7C-24T0515
18 – 36 VDC 5.0/±15 VDC
0.6A/±30 mA
6A/±0.3A
100 mA
1786 mA
91
6000uF/330uF
EC7C-48S25
36 – 75 VDC
2.5 VDC
0 mA
10000mA
50 mA
585 mA
89
10000uF
EC7C-48S33
36 – 75 VDC
3.3 VDC
0 mA
10000mA
50 mA
764 mA
90
10000uF
EC7C-48S05
36 – 75 VDC
5 VDC
0 mA
8000mA
60 mA
906 mA
92
8000uF
EC7C-48S12
36 – 75 VDC
12 VDC
0 mA
3333mA
60 mA
896 mA
93
3300uF
EC7C-48S15
36 – 75 VDC
15 VDC
0 mA
2666mA
60 mA
906 mA
92
2700uF
EC7C-48D12
36 – 75 VDC
±12 VDC
90 mA
±1800mA
50 mA
989 mA
91
1800uF
EC7C-48D15
36 – 75 VDC
±15 VDC
70 mA
±1400mA
50 mA
962 mA
91
1400uF
EC7C-48D3305 36 – 75 VDC 3.3/5.0 VDC
0 mA
10A/7.5A
50 mA
926 mA
89.5
(3)
7270uF/7270uF
EC7C-48T3312
36 – 75 VDC 3.3/±12 VDC
0.6A/±40 mA
6A/±0.4A
50 mA
684 mA
89.5
6000uF/400uF
EC7C-48T3315
36 – 75 VDC 3.3/±15 VDC
0.6A/±30 mA
6A/±0.3A
50 mA
682 mA
88
6000uF/330uF
EC7C-48T0512
36 – 75 VDC 5.0/±12 VDC
0.6A/±40 mA
6A/±0.4A
50 mA
932 mA
88.5
6000uF/400uF
EC7C-48T0515
36 – 75 VDC 5.0/±15 VDC
0.6A/±30 mA
6A/±0.3A
50 mA
903 mA
90
6000uF/330uF
NOTE: 1. Nominal Input Voltage 12, 24, 48 VDC
2. The total power of EC7C-12D3305, EC7C-24D3305 and EC7C-48D3305 should not be exceeded 40W.
3. The efficiency is measured with rated load current (3.3V/6A, 5V/4A).


Similar Part No. - EC7C

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC7C-20-35.000M ECLIPTEK-EC7C-20-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7C-20-35000M ECLIPTEK-EC7C-20-35000M Datasheet
126Kb / 3P
CRYSTAL
EC7C-35.000M ECLIPTEK-EC7C-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7C-35000M ECLIPTEK-EC7C-35000M Datasheet
126Kb / 3P
CRYSTAL
EC7C-S-35.000M ECLIPTEK-EC7C-S-35.000M Datasheet
126Kb / 3P
CRYSTAL
More results

Similar Description - EC7C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com