Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7C Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC7C
Description  40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7C Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC7C Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7C Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V20
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range
Efficiency…...........................................................…..………See Table
12V ............ 9-18V, 24V …........ 18-36V, 48V ................ 36-75V
Isolation Voltage ….......….. Input/Output ….……..…..…. 1500VDC max.
Input Surge Voltage (100ms max.)
Isolation Resistance ….......................…….................……. 10
9 ohm min.
12V .... 25Vdc max., 24V ..... 50Vdc max., 48V ..... 100Vdc max.
Isolation Capacitance …………………..…………….….…..… 1000pF typ.
Under voltage lockout
Switching Frequency …......................……...............………. 350KHz typ.
12Vin: power up …………..… 8.8V, power down …….…… 8.0V
Operating Ambient Temperature .…………………...…… -40
to +85
℃
℃
24Vin: power up ……….……. 17V, power down …….….…. 16V
De-rating, Above 60
…………
℃
.……… Linearly to Zero power at 100℃
48Vin: power up …….…..…… 34V, power down …….……. 32V
Case Temperature (note8) …………….…………………….. 100
max.
℃
Positive/Negative Logic Remote On/Off (note5&6)
Cooling ………………………………………………… Natural Convection
Input Filter ……………………………………………………..….……… PI Type
Storage Temperature ……..……….……....…..……..... -55
to +125
℃
℃
OUTPUT SPECIFICATIONS:
Humidity .................................................. 95% RH max. Non condensing
Voltage Accuracy ……… Single/Dual ……….……..……………… ±1.5%max.
MTBF… MIL-STD-217F, GB, 25
, Full Load
℃
Dual positive …..… 3.3V±1.5% max., 5V±3% max.
XXD3305 … 500Khrs typ., Others …… 700Khrs typ.
Triple ….. Main ±1.5% max., Auxiliary ±3.0% max.
Thermal Shutdown, Case Temperature ……………...……. 110
Typical
℃
Voltage Balance(Dual) ………….…………………………………… ±2.0% max.
Dimensions ………….……. 2.00×2.00x0.40 inches(50.8x50.8×10.2 mm)
Transient Response: 75% - 100% Step Load Change (Main Output)
Case Material ……...… Black Coated Copper with Non-Conductive Base
Error Band … ±5% Vout nominal, Recovery Time …….. < 300us
Weight ……………………..…………………………………………….. 65g
Output Voltage Adjustment Range ... Single/Dual Vo±10%, Dual Positive±5%
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC)
2.5V&3.3V&5V ……….. 50mVpp,max., 12V&15V ….… 75mVpp max.
Dual ±12V ………. 120mVpk-pk, max., ±15V …..….. 150mVpk-pkmax.
Dual positive +3.3V /+5V ………………………….…. 100mVpk-pk max.
Temperature Coefficient …..............………….……..……....…….. ±0.02%/°C
Line Regulation (note1) ……... Single/Dual/Dual positive ……... ±0.5% max.
Triple …… Main ..… ±1.0% max., Auxiliary ….. ±3.0% max.
Load Regulation (note2) ….…..……… Single ±0.5% max., Dual ±1.0% max.
Dual positive (note3) …...… 3.3V ±1.5% max., 5V±4% max.
Triple … Main ..… ±1.0% max., Auxiliary ..…… ±4.0% max.
Cross Regulation (note 4) ….………....… +3.3V±1.0% max. +5V±4.0% max.
Over voltage Protection (Zener Diode Clamp) …........... 2.5V ……. 3.6Vdc typ.
3.3V ………..…..…. 3.9Vdc typ., 5V …..………. 6.2Vdc typ.
12V …….………..… 15Vdc typ., 15V ……….…. 18Vdc typ.
Output Current Limit, % Nominal Output …........…………………. 110%-140%
Output Short Circuit Protection …..................….…. Continuous (hiccup mode)
Start up time …………………………………….………………..…... 10ms typ.
NOTE:
1. Measured from high line to low line(dual positive at rated load).
2. Measured from full load to 10% load.
Case C Dimensions:
3. Measured from max. load to zero load, other output at zero load.
NOTE:Pin Size is 0.02±0.002 Inch(0.5±0.05mm)DIA
4. Measured from max. load to 10% load, other output at 10% load.
All Dimensions In Inches(mm)
5. Logic compatibility …. CMOS or Open Collector TTL, ref. to –Vin
Tolerance
Inches: X.XX=±0.02, X.XXX=±0.010
Module On
……………………… >3.5Vdc to 75Vdc or Open Circuit
Millimeters: X.X=±0.5, X.XX=±0.25
Module Off ……………………………………………………. <1.8Vdc.
6. Suffix “N” to the model number with negative logic remote on/off
Module On …………………………………………..………… <1.8Vdc,
Module Off ………………..…….. >3.5Vdc to 75Vdc or Open Circuit
7. If +/-Sense is not being used, the +sense should be connected to
+Vout and likewise the –sense should be connected to–Vout.
8. Maximum case temperature under any operating condition should
not be exceeded 100
.
℃
10K Ohms
+Sense(6)
Trim(9)
-Sense(5)
TRIMPOT
TRIM UP
TRIM DOWN
10K Ohms
Common(6)
Trim(9)
-Vout(8)
TRIMPOT
TRIM UP
TRIM DOWN
Single Output
Dual Output
EXTERNAL OUTPUT TRIM
Typical Derating curve for Natural Convection
-40
100
60
0%
50%
100%
150%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Natural
Convection
PIN CONNECTION
Pin
Dual
1
3
2
5
4
Trim
On / Off
Common
No Pin
+V Output
- V Output
6
7
9
8
Common
Single
On / Off
+V Input
NC
- V Input
- Sense
+V Output
- V Output
Dual Positive
On / Off
Com(5V RTN)
+3.3Vout
Com(3.3V RTN)
NC
+5V Output
Trim
+Sense
Trim
*NC : NO CONNECTION WITH PIN
Triple
On / Off
NC
+A ux. Out
Common
+V Output
- V Output (Comm on)
- A ux. Out
+V Input
- V Input
+V Input
- V Input
+V Input
- V Input
BOTTOM VIEW
3
2
1
9
8
7
6
5
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com