Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221N Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LS221N
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS221N Datasheet(HTML) 6 Page - ON Semiconductor

  74LS221N Datasheet HTML 1Page - ON Semiconductor 74LS221N Datasheet HTML 2Page - ON Semiconductor 74LS221N Datasheet HTML 3Page - ON Semiconductor 74LS221N Datasheet HTML 4Page - ON Semiconductor 74LS221N Datasheet HTML 5Page - ON Semiconductor 74LS221N Datasheet HTML 6Page - ON Semiconductor 74LS221N Datasheet HTML 7Page - ON Semiconductor 74LS221N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN74LS221
http://onsemi.com
6
AC WAVEFORMS
B INPUT
CLEAR
Q OUTPUT
Q OUTPUT
A INPUT IS LOW.
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
tW(in)
≥60 ns
tPLH
tPHL
tPLH
tPHL
1.3 V
3 V
0 V
3 V
0 V
VOH
VOL
VOH
VOL
≥60 ns
1.3 V
1.3 V
3 V
0 V
3 V
0 V
VOH
VOL
≥ 50 ns
≥ 0
ts
3 V
0 V
3 V
0 V
VOH
VOL
3 V
0 V
3 V
0 V
VOH
VOL
TRIGGERED
NOT TRIGGERED
≥50 ns
≥50 ns
B INPUT
CLEAR
Q OUTPUT
A INPUT IS LOW.
tW(out)
TRIGGER FROM B, THEN CLEAR — CONDITION 1
TRIGGER FROM B, THEN CLEAR — CONDITION 2
CLEAR OVERRIDING B, THEN TRIGGER FROM B
TRIGGERING FROM POSITIVE TRANSITION OF CLEAR
Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com