Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221N Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS221N
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS221N Datasheet(HTML) 2 Page - ON Semiconductor

  74LS221N Datasheet HTML 1Page - ON Semiconductor 74LS221N Datasheet HTML 2Page - ON Semiconductor 74LS221N Datasheet HTML 3Page - ON Semiconductor 74LS221N Datasheet HTML 4Page - ON Semiconductor 74LS221N Datasheet HTML 5Page - ON Semiconductor 74LS221N Datasheet HTML 6Page - ON Semiconductor 74LS221N Datasheet HTML 7Page - ON Semiconductor 74LS221N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS221
http://onsemi.com
2
(TOP VIEW)
Positive logic: Low input to clear resets Q low and
Positive logic: Q high regardless of dc levels at A
Positive logic: or B inputs.
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
1A
1 Rext/
Cext
1
Cext
1Q
2Q
2B
2
CLR
2A
1B
1
CLR
1Q
2Q
2
Cext
2 Rext/
Cext
GND
Q
Q
CLR
Q
Q
CLR
+
VCC
Rext
R/C
Cext
FUNCTION TABLE
(EACH MONOSTABLE)
INPUTS
OUTPUTS
CLEAR
A
B
Q
Q
L
X
X
L
H
X
H
XL
H
X
X
LL
H
H
L
°
H
±
H
*
°
L
H
*See operational notes — Pulse Trigger Modes
TYPE
TYPICAL
POWER
MAXIMUM
OUTPUT PULSE
DISSIPATION
LENGTH
SN74LS221
23 mW
70 s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com