Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4ST Datasheet(PDF) 2 Page - Fox Electronics

Part # C4ST
Description  Thru-Hole Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C4ST Datasheet(HTML) 2 Page - Fox Electronics

  C4ST Datasheet HTML 1Page - Fox Electronics C4ST Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thru-Hole Crystal
C4ST
(former HC49SLF)
DATASHEET
© Copyright 2019 Fox Electronics, All rights reserved
Title / Description: C4ST STANDARD SPECIFICATIONS
Drawing Number: C4ST-DOC-2
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 06/10/2019
Available Options & Part Identification for Thru-Hole Crystal C4ST1
F C4ST C B M F 16.0
F
C4ST
C
B
M
F
16.0
FOX
Model
Number
Tolerance
B = ±50ppm
C = ±30ppm
D = ±25ppm
E = ±20ppm
F = ±15ppm
H = ±10ppm
Stability
A = ±100ppm
B = ±50ppm
C = ±30ppm
D = ±25ppm
E = ±20ppm
F = ±15ppm
H = ±10ppm
L = ±5ppm
Load
Capacitance2
A = Series
E = 10pF
G = 12pF
K = 16pF
L = 18pF
M = 20pF
Operating
Temperature
D =-10 to +60ºC
F =-20 to +70ºC
M =-40 to +85ºC
P =-40 to +105ºC
I =-40 to +125ºC
T =-55 to +125ºC
Frequency
(MHz)
1 Not all frequency, tolerance, stability, load, and operating temperature combinations may be available.
2 Listed load capacitances represent the most commonly used. Other load capacitances are available.
Contact Fox Technical Support for assistance
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox
Electronics' sole discretion. All information in this document, including descriptions of product features and performance, is subject to
change without notice. Performance specifications and the operating parameters of the described products are determined in the
independent state and are not guaranteed to perform the same way when installed in customer products. The information contained herein
is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of Fox
Electronics' products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights
of others. This document is presented only as a guide and does not convey any license under intellectual property rights of Fox Electronics
or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or
similar devices where the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or
safety of users. Anyone using a Fox Electronics product in such a manner does so at their own risk, absent an express, written agreement
by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice.
Other trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or
their respective third party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html .



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com