Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4ST Datasheet(PDF) 1 Page - Fox Electronics

Part # C4ST
Description  Thru-Hole Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C4ST Datasheet(HTML) 1 Page - Fox Electronics

  C4ST Datasheet HTML 1Page - Fox Electronics C4ST Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thru-Hole Crystal
C4ST
(former HC49SLF)
DATASHEET
© Copyright 2019 Fox Electronics, All rights reserved
Title / Description: C4ST STANDARD SPECIFICATIONS
Drawing Number: C4ST-DOC-2
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 06/10/2019
Note: Dimensional drawing is for reference to critical specifications defined by
size measurements. Certain non-critical visual attributes, such as side
castellations, etc. may vary. All specifications subject to change without notice.
• C4ST STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
3.200 ~ 80.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
Storage
(TOPR)
(TSTG)
(See options below)
-40ºC ~ +125ºC
Shunt Capacitance
(Co)
7pF
Load Capacitance
(CL)
(See options on page 2)
Drive Level
0.5 mW (0.1 mW Typical)
Aging per year
±3 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish
Sn/Ag3.0/Cu0.5
Seam Method
Resistance Weld
Lead (Pb) Free
Yes
RoHS/REACH Compliant
Yes
Frequency Range
(MHz)
Operating
Mode
Max ESR Ω
3.200 ~ 3.500
Fundamental
300
3.500001 ~ 4.000
Fundamental
200
4.000001 ~ 5.000
Fundamental
150
5.000001 ~ 6.000
Fundamental
120
6.000001 ~ 7.000
Fundamental
100
7.000001 ~ 9.000
Fundamental
80
9.000001 ~ 13.000
Fundamental
60
13.000001 ~ 20.000
Fundamental
40
20.000001 ~ 40.000
Fundamental
30
24.000 ~ 70.000
3rd OT
100
70.000001 ~ 80.000
3rd OT
70
•Available Operating Temperatures and Stabilities*
Operating Temperature
±5 PPM
±10 PPM
±15 PPM
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
-10°C to +60°C
O
O
O
O
O
O
O
O
-20°C to +70°C
∆
O
O
O
O
O
O
O
-40°C to +85°C
X
X
O
O
O
O
O
O
-40°C to +105°C
X
X
X
X
X
∆
O
O
-40°C to +125°C
X
X
X
X
X
X
∆
O
-55°C to +125°C
X
X
X
X
X
X
∆
O
Key: O=Available, X=Not Available, ∆=Consult Fox Technical Support
*Does not imply a stocked part.
All dimensions are in millimeters.
• Tolerances down to ±10 PPM
• Stabilities down to ±5 PPM
• Operating Temperature Range to -55ºC ~ +125ºC


Similar Part No. - C4ST

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C4SD FOX-C4SD Datasheet
186Kb / 2P
Resistance Weld SMD Crystal
logo
Cree LED
C4SMA CREELED-C4SMA Datasheet
731Kb / 9P
Screen Master® 4-mm Oval LEDs: C4SMA-RGY/GGY/BGY
logo
Cree, Inc
C4SMA-BGF CREE-C4SMA-BGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3351 CREE-C4SMA-BGF-CR2T3351 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3352 CREE-C4SMA-BGF-CR2T3352 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4ST

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49S FOX-HC49S Datasheet
42Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49ULF FOX-HC49ULF Datasheet
147Kb / 2P
Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Abracon Corporation
ABL6M ABRACON-ABL6M Datasheet
2Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
07.25.14
ABL7M ABRACON-ABL7M Datasheet
1Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
ABL7M2 ABRACON-ABL7M2 Datasheet
1Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
logo
Fox Electronics
HC49ULF FOX-HC49ULF_14 Datasheet
353Kb / 2P
Resistance Weld Thru-Hole Crystal
C9ST FOX-C9ST Datasheet
130Kb / 2P
Thru-Hole Crystal
C80T FOX-C80T Datasheet
146Kb / 2P
Resistance Weld Thru-Hole Crystal
logo
AiT Semiconductor Inc.
KODF AITSEMI-KODF Datasheet
268Kb / 1P
THRU-HOLE CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com