Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75L03 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 17Page - Exar Corporation XRT75L03 Datasheet HTML 18Page - Exar Corporation XRT75L03 Datasheet HTML 19Page - Exar Corporation XRT75L03 Datasheet HTML 20Page - Exar Corporation XRT75L03 Datasheet HTML 21Page - Exar Corporation XRT75L03 Datasheet HTML 22Page - Exar Corporation XRT75L03 Datasheet HTML 23Page - Exar Corporation XRT75L03 Datasheet HTML 24Page - Exar Corporation XRT75L03 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
XRT75L03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
18
CLOCK INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION
107
E3Clk/ CLK_EN
I
E3 Clock Input (34.368 MHz ± 20 ppm):
If all the 3 channels or any one of the channels is configured in E3 mode, a ref-
erence clock 34.368 MHz ± 20 ppm is input to this pin..
Clock Output Enable:
If the Single Frequency Mode is selected, tie this pin “High” to enable the clock
output through the CLK_OUT pin (pin 108).
108
DS3Clk/ CLK_OUT
I/O
DS3 Clock Input (44.736 MHz ± 20 ppm):
If all the 3 channels or any one of the channels is configured in DS3 mode, a ref-
erence clock 44.736 MHz ± 20 ppm is input to this pin.
Clock Output:
When the Single Frequency Mode is enabled, this pin is configured as the clock
output from Channel 1.This clock frequency is determined by the Channel 1 set-
ting..
NOTE: This low jitter output clock can be used as the input clock source for the
framer device. thus eliminating the need for a separate clock source for
the framer.
109
STS-1Clk/ 12M
I
STS-1 Clock Input (51.84 MHz ± 20 ppm):
If all the 3 channels or any one of the channels is configured in STS-1 mode, a
reference clock 51.84 MHz ± 20 ppm is input to this pin.
Single Frequency Mode Clock Input:
In Single Frequency Mode, a reference clock of 12.288 MHz ± 20 ppm is con-
nected to this pin and the internal clock synthesizer generates the appropriate
clock frequencies based on the configuration of the rates (E3 or DS3 or STS-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com