Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM21 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM21
Description  20 WATT SINGLE OUTPUT AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM21 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM21 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM21 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳
CFM21 SERIES
20 WATT SINGLE OUTPUT
AC-DC
MODULES
Features
* Universal Input Range 90~264VAC
* Miniature Size Low Profile 0.8”
* Industry-Standard Pin Out
* Efficiency to 85%
* Option for On-Board, Connecter,
Screw Terminal Or Encapsulated type
* Continuous Short Circuit Protection
* Over Voltage Protection
* No Load Input Power < 0.3W
* Leakage Current < 0.1mA
* UL60601-1/IEC60601-1/EN60601-1 Medical Safety
Approved
* UL60950-1/IEC60950-1/EN60950-1 ITE Safety Approved
MODEL
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
LOAD
MAX.
LOAD
OUTPUT
RATED
POWER
RIPPLE &
NOISE
VOLTAGE
ACCURACY
% EFF.
CFM21S033
90~264 VAC
3.3 V
0
4.0 A
13.2 W
50 mV
±1%
75%
CFM21S050
90~264 VAC
5.0 V
0
4.0 A
20.0 W
50 mV
±1%
80%
CFM21S090
90~264 VAC
9.0 V
0
2.3 A
20.7 W
90 mV
±1%
81%
CFM21S120
90~264 VAC
12 V
0
1.7 A
20.4 W
100 mV
±1%
83%
CFM21S150
90~264 VAC
15 V
0
1.4 A
21.0 W
100 mV
±1%
84%
CFM21S240
90~264 VAC
24 V
0
0.9 A
21.6 W
100 mV
±1%
85%
Specifications are subject to change without notice.


Similar Part No. - CFM21

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M050 CINCON-CFM21M050 Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M090 CINCON-CFM21M090 Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M120 CINCON-CFM21M120 Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M150 CINCON-CFM21M150 Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
More results

Similar Description - CFM21

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
logo
Wall Industries,Inc.
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
20 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
20 Watt Single Output AC/DC Desktop Power Supply
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
logo
Recom International Pow...
RAC20-B RECOM-RAC20-B Datasheet
94Kb / 2P
20 Watt Single Output
RAC20-SB RECOM-RAC20-SB Datasheet
94Kb / 2P
20 Watt Single Output
logo
Wall Industries,Inc.
CMMDW WALL-CMMDW Datasheet
279Kb / 3P
20 Watt Single Output
logo
CINCON ELECTRONICS Corp...
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
logo
ETA-USA
DAC40 ETA-USA-DAC40 Datasheet
547Kb / 4P
AC/DC 40 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com