Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM21 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM21
Description  20 WATT SINGLE OUTPUT AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM21 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM21 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM21 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM21 Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Input Current ……………………………………….……………..... 0.3 to 0.5A
Inrush Current …………….…Cold Start@25℃............. 40A max. @230Vac
Leakage Current …………………………………………………… 0.1mA max.
OUTPUT SPECIFICATIONS:
Voltage Accuracy: ........................................…………............... ±1.0% max.
Line Regulation (note3) ….…………….…………...................…. ±0.5% max.
Load Regulation (note4) ….…………………….…….........…...... ±1.0% max.
Hold-up Time …………………………….…………..…… 10ms typ. @115Vac
Short Circuit Protection …………….………………………….…… Continuous
Over Voltage Protection(TVS) …… 115%-140% of nominal output voltage
GENERAL SPECIFICATIONS:
Derating curve for Natural Convection
-25
-25
70
70
60
0%
20%
40%
60%
80%
100%
120%
-30
-10
10
30
50
70
Ambient Temperature(oC)
CFM21 Series
Efficiency …………………………………………………………….. see Table
SAFETY AND EMISSION:
Switching Frequency ………………………………….…………..100KHz typ.
CE Directive ……………………………….……… 2004/108/EC, 93/42/EEC
Isolation …………………………………………… Input to output = 5656VDC
Emissions … EN60601-1/EN61204-3/EN55022/CISPR Class B, EN55024
Operating Temperature ........................................ -25 ~ 70℃(with de-rating)
Safety Approvals ……....................... UL60601-1,IEC60601-1,EN60601-1
Storage Temperature ……………………………...….......……........ -40~85℃
UL60950-1,IEC60950-1,EN60950-1
Cooling ………………………………….………………… Natural Convection
NOTE:
Humidity .................................................... 93% RH max. Non condensing
1. Voltage accuracy is set of 100% rated load.
MTBF ……….…. MIL-STD-217F, GB ..………..……………… 650Khrs min.
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Dimensions …………..........….. 2.38x1.60x0.80inches (60.5x40.6x20.4mm)
Ripple & Noise measuring @20MHz BW.
-T: 3.00x1.60x0.77inches (76.2x40.6x19.5mm)
3. Line regulation is measured from high line to low line with full load.
-E: 2.53x1.74x0.80Inches (64.2x44.2x20.4mm)
4. Load regulation is measured from 10% to 100% full load.
-S: 3.00x1.60x0.77Inches (76.2x40.6x19.5mm
5. T Version Connection: JST B3P-VH / B4P-VH or equivalent.
Weight ………………………………………….…… 50g, 55g(-T, -S), 105g(-E)
6. S Version Connection: DECA MB332-381A or equivalent.
Mechanical Specification
CFM21SXXX
All Dimensions In Inches[mm]
Tolerance:
Inches:x.xx= ±0.02,x.xxx= ±0.01
Millimeters:x.x= ±0.5,x.xx= ±0.25
2.38 [60.5]
0.120 [3.06]
2.126 [54.00]
-Vo
+Vo
ACN
ACL
CFM21SXXX-T
CFM21SXXX-E
CFM21SXXX-S
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com