Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2HS Datasheet(PDF) 2 Page - Fox Electronics

Part # O2HS
Description  HCMOS 2.5x2.0mm SMD Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O2HS Datasheet(HTML) 2 Page - Fox Electronics

  O2HS Datasheet HTML 1Page - Fox Electronics O2HS Datasheet HTML 2Page - Fox Electronics O2HS Datasheet HTML 3Page - Fox Electronics O2HS Datasheet HTML 4Page - Fox Electronics O2HS Datasheet HTML 5Page - Fox Electronics O2HS Datasheet HTML 6Page - Fox Electronics O2HS Datasheet HTML 7Page - Fox Electronics O2HS Datasheet HTML 8Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HCMOS 2.5x2.0mm SMD Oscillator
O2HS
(former F200, F210, F230, F240 Series)
DATASHEET
7-27-2020 Updated Termination finish and MSL info
© Copyright 2020 Fox Electronics, All rights reserved
Title / Description: O2HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O2HS-DOC-1
Revision: H
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date:07/29/2020
Available Options by Stability & Operating Temp for 1.5V
Frequency
Stability
2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
-20 ~ +70
1.25 ~ 50.0
±100PPM
-40 ~ +85
1.25 ~ 50.0
±50PPM
-20 ~ +70
1.25 ~ 50.0
±50PPM
-40 ~ +85
1.25 ~ 50.0
±25PPM
-20 ~ +70
1.25 ~ 50.0
±25PPM3
-40 ~ +85
1.25 ~ 50.0
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25C tolerance and operating temperature range
1.5V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1.25 ~ 50.0 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
1.5V±5%
Input Current
(IDD)
1.25 ~ 10.0 MHz
>10.0 ~ 20.0 MHz
>20.0 ~ 30.0 MHz
>30.0 ~ 40.0 MHz
>40.0 ~ 50.0 MHz
2.5 mA
3.5 mA
4.0 mA
4.5 mA
6.0 mA
Standby Current
100 µA
Output Symmetry (50% VDD)
45% ~ 55%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
10 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
50 µS
Output Enable Time 1
10 mS
ENABLE / DISABLE FUNCTION
1
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com